Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV1543CDBLE Datasheet(PDF) 8 Page - Texas Instruments

Part # TLV1543CDBLE
Description  3.3V 10 BIT ANALOG TO DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV1543CDBLE Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV1543CDBLE Datasheet HTML 4Page - Texas Instruments TLV1543CDBLE Datasheet HTML 5Page - Texas Instruments TLV1543CDBLE Datasheet HTML 6Page - Texas Instruments TLV1543CDBLE Datasheet HTML 7Page - Texas Instruments TLV1543CDBLE Datasheet HTML 8Page - Texas Instruments TLV1543CDBLE Datasheet HTML 9Page - Texas Instruments TLV1543CDBLE Datasheet HTML 10Page - Texas Instruments TLV1543CDBLE Datasheet HTML 11Page - Texas Instruments TLV1543CDBLE Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
TLV1543C, TLV1543I, TLV1543M
3.3V 10BIT ANALOGTODIGITAL CONVERTERS
WITH SERIAL CONTROL AND 11 ANALOG INPUTS
SLAS072E − DECEMBER 1992 − REVISED JANUARY 2004
8
WWW.TI.COM
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
TLV1543C/TLV1543I
3
3.3
5.5
V
Supply voltage, VCC
TLV1543M
3
3.3
3.6
V
Positive reference voltage, Vref + (see Note 2)
VCC
V
Negative reference voltage, Vref − (see Note 2)
0
V
Differential reference voltage, Vref + − Vref − (see Note 2)
2.5
VCC
VCC + 0.2
V
Analog input voltage (see Note 2)
0
VCC
V
High-level control input voltage, VIH
TLV1543C/TLV1543I
VCC = 3 V to 5.5 V
2
V
High-level control input voltage, VIH
TLV1543M
VCC = 3 V to 3.6 V
2
V
Low-level control input voltage, VIL
TLV1543C/TLV1543I
VCC = 3 V to 5.5 V
0.6
V
Low-level control input voltage, VIL
TLV1543M
VCC = 3 V to 3.6 V
0.8
V
Setup time, address bits at data input before I/O CLOCK
↑, tsu(A) (see Figure 4)
100
ns
Hold time, address bits after I/O CLOCK
↑, th(A) (see Figure 4)
0
ns
Hold time, CS low after last I/O CLOCK
↓, th(CS)
0
ns
Setup time, CS low before clocking in first address bit, tsu(CS) (see Note 3)
1.425
µs
Clock frequency at I/O CLOCK (see Note 4)
TLV1543C/TLV1543I
0
1.1
MHz
Clock frequency at I/O CLOCK (see Note 4)
TLV1543M
0
2.1
MHz
Pulse duration, I/O CLOCK high, tw(H_I/O)
190
ns
Pulse duration, I/O CLOCK low, tw(L_I/O)
190
ns
Transition time, I/O CLOCK, tt(I/O) (see Note 5)
1
µs
Transition time, ADDRESS and CS, tt(CS)
10
µs
Operating free-air temperature, TA
TLV1543C/TLV1543I
0
70
°C
Operating free-air temperature, TA
TLV1543M
−55
125
°C
NOTES:
2. Analog input voltages greater than that applied to REF+ convert as all ones (1111111111), while input voltages less than that applied
to REF− convert as all zeros (0000000000).
3. To minimize errors caused by noise at CS, the internal circuitry waits for a setup time plus two falling edges of the internal system
clock after CS
↓ before responding to control input signals. No attempt should be made to clock in an address until the minimum CS
setup time has elapsed.
4. For 11- to 16-bit transfers, after the tenth I/O CLOCK falling edge (
≤ 2 V), at least one I/O clock rising edge (≥ 2 V) must occur within
9.5
µs.
5. This is the time required for the clock input signal to fall from VIHmin to VILmax or to rise from VILmax to VIHmin. In the vicinity of
normal room temperature, the devices function with input clock transition time as slow as 1
µs for remote data-acquisition
applications where the sensor and the A/D converter are placed several feet away from the controlling microprocessor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com