Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV1543CDBLE Datasheet(PDF) 13 Page - Texas Instruments

Part # TLV1543CDBLE
Description  3.3V 10 BIT ANALOG TO DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV1543CDBLE Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV1543CDBLE Datasheet HTML 9Page - Texas Instruments TLV1543CDBLE Datasheet HTML 10Page - Texas Instruments TLV1543CDBLE Datasheet HTML 11Page - Texas Instruments TLV1543CDBLE Datasheet HTML 12Page - Texas Instruments TLV1543CDBLE Datasheet HTML 13Page - Texas Instruments TLV1543CDBLE Datasheet HTML 14Page - Texas Instruments TLV1543CDBLE Datasheet HTML 15Page - Texas Instruments TLV1543CDBLE Datasheet HTML 16Page - Texas Instruments TLV1543CDBLE Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
TLV1543C, TLV1543I, TLV1543M
3.3V 10BIT ANALOGTODIGITAL CONVERTERS
WITH SERIAL CONTROL AND 11 ANALOG INPUTS
SLAS072E − DECEMBER 1992 − REVISED JANUARY 2004
13
WWW.TI.COM
Access Cycle B
Shift in New Multiplexer Address,
Simultaneously Shift Out Previous
Conversion Value
Sample Cycle B
A/D Conversion
Interval
Initialize
Initialize
MSB
LSB
Previous Conversion Data
MSB
LSB
B3
B2
B1
B0
C3
B9
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
Hi-Z State
12
3
4
5
6
7
8
9
10
1
I/O
CLOCK
DATA
OUT
ADDRESS
CS
EOC
(see Note A)
NOTE A: To minimize errors caused by noise at CS, the internal circuitry waits for a setup time plus two falling edges of the internal system clock
after CS
↓ before responding to control input signals. No attempt should be made to clock in an address until the minimum CS setup
time has elapsed.
Figure 9. Timing for 10-Clock Transfer Using CS
Access Cycle B
Shift in New Multiplexer Address,
Simultaneously Shift Out Previous
Conversion Value
Sample Cycle B
A/D Conversion
Interval
Initialize
MSB
LSB
Previous Conversion Data
MSB
LSB
B3
B2
B1
B0
C3
B9
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
Low Level
12
3
4
5
6
789
10
1
I/O
CLOCK
DATA
OUT
ADDRESS
CS
EOC
Initialize
(see Note A)
Must be High on Power Up
NOTE A: To minimize errors caused by noise at CS, the internal circuitry waits for a setup time plus two falling edges of the internal system clock
after CS
↓ before responding to control input signals. No attempt should be made to clock in an address until the minimum CS setup
time has elapsed.
Figure 10. Timing for 10-Clock Transfer Not Using CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com