Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV1543CDBLE Datasheet(PDF) 2 Page - Texas Instruments

Part # TLV1543CDBLE
Description  3.3V 10 BIT ANALOG TO DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV1543CDBLE Datasheet(HTML) 2 Page - Texas Instruments

  TLV1543CDBLE Datasheet HTML 1Page - Texas Instruments TLV1543CDBLE Datasheet HTML 2Page - Texas Instruments TLV1543CDBLE Datasheet HTML 3Page - Texas Instruments TLV1543CDBLE Datasheet HTML 4Page - Texas Instruments TLV1543CDBLE Datasheet HTML 5Page - Texas Instruments TLV1543CDBLE Datasheet HTML 6Page - Texas Instruments TLV1543CDBLE Datasheet HTML 7Page - Texas Instruments TLV1543CDBLE Datasheet HTML 8Page - Texas Instruments TLV1543CDBLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
TLV1543C, TLV1543I, TLV1543M
3.3V 10BIT ANALOGTODIGITAL CONVERTERS
WITH SERIAL CONTROL AND 11 ANALOG INPUTS
SLAS072E − DECEMBER 1992 − REVISED JANUARY 2004
2
WWW.TI.COM
functional block diagram
14-Channel
Analog
Multiplexer
Sample and
Hold
10-Bit
Analog-to-Digital
Converter
(switched capacitors)
Self-Test
Reference
Output
Data
Register
10-to-1 Data
Selector and
Driver
System Clock,
Control Logic,
and I/O
Counters
Input Address
Register
4
10
10
4
REF +
REF −
DATA
OUT
ADDRESS
I/O CLOCK
CS
3
EOC
1
2
3
4
5
6
7
8
9
11
12
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
14
13
16
19
17
18
15
typical equivalent inputs
INPUT CIRCUIT IMPEDANCE DURING SAMPLING MODE
INPUT CIRCUIT IMPEDANCE DURING HOLD MODE
1 k
Ω TYP
Ci = 60 pF MAX
(equivalent input
capacitance)
5 M
Ω TYP
A0 − A10
A0 − A10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com