Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC41 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # ABC41
Description  PCB Mount option available
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC41 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  ABC41 Datasheet HTML 1Page - Bel Fuse Inc. ABC41 Datasheet HTML 2Page - Bel Fuse Inc. ABC41 Datasheet HTML 3Page - Bel Fuse Inc. ABC41 Datasheet HTML 4Page - Bel Fuse Inc. ABC41 Datasheet HTML 5Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
ABC41 Series
tech.support@psbel.com
ABC41-1T05L
Screw Terminal
5 V
5 A
0.0 A
1.5%
ABC41-1005L
Header
ABC41-1005P
PCB Mount
ABC41-1T12L
Screw Terminal
12 V
3.33 A
0.0 A
1%
ABC41-1012L
Header
ABC41-1012P
PCB Mount
ABC41-1T15L
Screw Terminal
15 V
2.67 A
0.0 A
1%
ABC41-1015L
Header
ABC41-1015P
PCB Mount
ABC41-1T24L
Screw Terminal
24 V
1.67 A
0.0 A
1%
ABC41-1024L
Header
ABC41-1024P
PCB Mount
ABC41-1T30L
Screw Terminal
30 V
1.33 A
0.0 A
1%
ABC41-1030L
Header
ABC41-1030P
PCB Mount
ABC41-1T48L
Screw Terminal
48 V
0.83 A
0.0 A
1%
ABC41-1048L
Header
ABC41-1048P
PCB Mount
ABC41-1T58L
Screw Terminal
58 V
0.69 A
0.0 A
1%
ABC41-1058L
Header
ABC41-1058P
PCB Mount
COVER-41-XBC3
metal cover kit accessory
1
For Class II Option (without input Earth pin) add suffix: -2 (e.g.: ABC41-1012L-2).
2
Ripple is peak to peak with 20 MHz bandwidth and 10 µF (Tantalum capacitor) in parallel with a 0.1 µF capacitor at rated line
voltage and load ranges. Output ripple can be more than 10% of the output voltage.
3
When used in Cover Kit, de-rate output power to 70 % under all operating conditions.
Cover Kit is not suited for PCB mount version.
Specifications are for nominal input voltage, 25°C unless otherwise stated.
Input Voltage
Universal
85 - 264 VAC / 390 VDC
Input Frequency
47 - 63 Hz
Input Current
115 VAC:
230 VAC:
0.8 A max.
0.4 A max.
No Load Power
Typical
< 0.3 W
Inrush Current
115 VAC:
230 VAC:
264 VAC:
25 A
45 A
75 A
Leakage Current
Typical (N.A. For Class II Option- without input Earth pin)
300 µA
Switching Frequency
Typical
65 kHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com