Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC41 Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # ABC41
Description  PCB Mount option available
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC41 Datasheet(HTML) 4 Page - Bel Fuse Inc.

  ABC41 Datasheet HTML 1Page - Bel Fuse Inc. ABC41 Datasheet HTML 2Page - Bel Fuse Inc. ABC41 Datasheet HTML 3Page - Bel Fuse Inc. ABC41 Datasheet HTML 4Page - Bel Fuse Inc. ABC41 Datasheet HTML 5Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
ABC41 Series
tech.support@psbel.com
Isolation Voltage
Input to Output:
4242 VDC
Safety Standard(s)
Approved to the latest edition of the following standards:
CSA/UL60950-1, EN60950-1 and IEC60950-1. Class1 SELV
Agency Approvals
Nemko, UL, C-UL
CE mark
Complies with LVD Directive
AC Input Connector
J1
Screw Terminal /
Header
Pin 1
Pin 2
Pin 3
AC Line
Not Fitted
AC Neutral
Tyco: 640445-3
Mating: 647402-3; Pins: 3-647409-1
(Header)
DC Output Connector
J2
Screw Terminal /
Header
Pin 1, 2
Pin 3, 4
V1 +VE
V1 -VE
Tyco: 640445-4
Mating: 647402-4; Pins: 3-647409-1
Weight
approx. 100 g
Dimensions
76.2 x 50.8 x 19.05 mm (3 x 2 x 0.75 inches)
Figure 1. Derating Curve for all Outputs
De-rate linearly from 100% at 50°C to 50% at 70°C
%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com