Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC41 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # ABC41
Description  PCB Mount option available
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC41 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  ABC41 Datasheet HTML 1Page - Bel Fuse Inc. ABC41 Datasheet HTML 2Page - Bel Fuse Inc. ABC41 Datasheet HTML 3Page - Bel Fuse Inc. ABC41 Datasheet HTML 4Page - Bel Fuse Inc. ABC41 Datasheet HTML 5Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
The ABC41 Series of ultra low open frame power supplies feature a
wide universal AC input range of 85 V – 264 VAC, offering output power
40 W with natural convection cooling. They are available in a variety of
isolated single output voltages. The ABC41 ultra low profile series is
also available in a PCB mount format, facilitating simple embedded
integration onto user’s main PCB assembly.
The high efficiency and high power density of the ABC family ensures
minimal power loss in end-use equipment, thereby facilitating higher
reliability, easier thermal management and meets regulatory approvals
for environmentally-friendly end products.
These power supplies are ideal for broad range of telecom, datacom,
industrial equipment and other applications.
•
3 x 2 x 0.75 Inches Form factor
•
PCB Mount option available
•
40 Watts Convection
•
Approved to EN/IEC 60950
•
Efficiencies 85% Typical
•
-40 to 70 degree operating temperature
•
2 million hours, Telcordia -SR332-issue 3 MTBF
•
Standby Power < 0.3 W
•
Instrumentation
•
Lighting
•
Industrial Applications
•
Applied Computing
•
Renewable Energy
•
Test and Measurement
•
Robotics
•
Wireless Communication


Similar Part No. - ABC41

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
ABC41-1005L BEL-ABC41-1005L Datasheet
912Kb / 7P
3 x 2 x 0.75 Inch Form factor PCB Mount option available
ABC41-1005P BEL-ABC41-1005P Datasheet
912Kb / 7P
3 x 2 x 0.75 Inch Form factor PCB Mount option available
ABC41-1012L BEL-ABC41-1012L Datasheet
912Kb / 7P
3 x 2 x 0.75 Inch Form factor PCB Mount option available
ABC41-1012P BEL-ABC41-1012P Datasheet
912Kb / 7P
3 x 2 x 0.75 Inch Form factor PCB Mount option available
ABC41-1015L BEL-ABC41-1015L Datasheet
912Kb / 7P
3 x 2 x 0.75 Inch Form factor PCB Mount option available
More results

Similar Description - ABC41

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTS3401 DINTEK-DTS3401 Datasheet
417Kb / 8P
Halogen-free Option Available
logo
List of Unclassifed Man...
ATC900C ETC2-ATC900C Datasheet
182Kb / 6P
Available with Encapsulation Option
logo
AVAGO TECHNOLOGIES LIMI...
MGA-87563 AVAGO-MGA-87563 Datasheet
132Kb / 9P
Lead-free Option Available
MSA-0386 AVAGO-MSA-0386 Datasheet
59Kb / 5P
Lead-free Option Available
MSA-0986 AVAGO-MSA-0986 Datasheet
68Kb / 4P
Lead-free Option Available
MSA-3111 AVAGO-MSA-3111 Datasheet
185Kb / 7P
Lead-free Option Available
MGA-83563 AVAGO-MGA-83563 Datasheet
325Kb / 22P
Lead-free Option Available
logo
Broadcom Corporation.
DEMO-MGA-83A BOARDCOM-DEMO-MGA-83A Datasheet
325Kb / 22P
Lead-free Option Available
logo
Aries Electronics, Inc.
505 ARIES-505 Datasheet
619Kb / 1P
Pin polarization option also available
logo
Bel Fuse Inc.
ABC41 BEL-ABC41_V01 Datasheet
912Kb / 7P
3 x 2 x 0.75 Inch Form factor PCB Mount option available
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com