Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC200 Datasheet(PDF) 8 Page - Bel Fuse Inc.

Part # ABC200
Description  Active Power Factor Correction
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC200 Datasheet(HTML) 8 Page - Bel Fuse Inc.

Back Button ABC200 Datasheet HTML 3Page - Bel Fuse Inc. ABC200 Datasheet HTML 4Page - Bel Fuse Inc. ABC200 Datasheet HTML 5Page - Bel Fuse Inc. ABC200 Datasheet HTML 6Page - Bel Fuse Inc. ABC200 Datasheet HTML 7Page - Bel Fuse Inc. ABC200 Datasheet HTML 8Page - Bel Fuse Inc. ABC200 Datasheet HTML 9Page - Bel Fuse Inc. ABC200 Datasheet HTML 10Page - Bel Fuse Inc. ABC200 Datasheet HTML 11Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
ABC200 Series
tech.support@psbel.com
The AC-DC power supply provides a fixed threshold overvoltage (OV) protection implemented with a HW comparator. Once
an OV condition has been triggered, the supply will shut down and latch the fault condition. The latch can be unlocked by
disconnecting the supply from the AC mains only.
The main output current limitation will decrease with linear derating to 50% at 70 ºC if the ambient (inlet) temperature increases
beyond 50 °C (see Figure 13).
Figure 13. Output Current Capacity Derating
The Out-OK output gives a status indication of the converter and the output voltages. It can be used for control functions such as
data protection, central system monitoring or as a part of a self-testing system. Connecting the Out-OK as shown in Figure 14,
VOK <1.0 V indicates the output voltage(s) of the converter are within the range.
Note: Using the potentiometer, the monitor level tracks the programmed output voltage. In an error condition, if the output voltage
is out of range due to overload or an external over voltage, VOK will approach Vp. The output is
Figure 14: Power Good signal
formed by an NPN transistor. The signal is isolated from the output.
Figure 14. Power Good signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com