Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC200 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # ABC200
Description  Active Power Factor Correction
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC200 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  ABC200 Datasheet HTML 1Page - Bel Fuse Inc. ABC200 Datasheet HTML 2Page - Bel Fuse Inc. ABC200 Datasheet HTML 3Page - Bel Fuse Inc. ABC200 Datasheet HTML 4Page - Bel Fuse Inc. ABC200 Datasheet HTML 5Page - Bel Fuse Inc. ABC200 Datasheet HTML 6Page - Bel Fuse Inc. ABC200 Datasheet HTML 7Page - Bel Fuse Inc. ABC200 Datasheet HTML 8Page - Bel Fuse Inc. ABC200 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ABC200 Series is a family of compact and efficient AC-DC power
supplies suited for telecom datacom and many other industrial
applications.
This family meets the international information technology safety
standards with the CE-Mark for the European Low Voltage Directive
(LVD).
Their high efficiency allows a very minimal power loss in end
equipment, resulting in higher reliability, ease of thermal management
and regulatory approvals for an environmentally friendly end product.
High Efficiency up to 91% at 230 VAC
Universal AC Input Voltage Range: 90-264 VAC
Active Power Factor Correction
Over temperature, output overvoltage, overcurrent and short circuit
protection
Low Conducted and Radiated EMI (EN 55022 cl A)
Safety approved to the latest edition of the following standards:
CSA/UL60950-1, EN60950-1 and IEC60950-1
High Power Density Design: 15 W/in3
Compact Size: 2.0 (W) x 4.0 (L) x 1.5 (H) inches
RoHS Compliant
CE Marked
Industrial Applications
Telecom
Daracom


Similar Part No. - ABC200

ManufacturerPart #DatasheetDescription
logo
Power-One
ABC200-1012G POWER-ONE-ABC200-1012G Datasheet
733Kb / 12P
High efficiency over 91% at 230
logo
Bel Fuse Inc.
ABC200-1012G BEL-ABC200-1012G Datasheet
1Mb / 11P
High Efficiency up to 91% at 230 VAC
logo
Power-One
ABC200-1024G POWER-ONE-ABC200-1024G Datasheet
733Kb / 12P
High efficiency over 91% at 230
logo
Bel Fuse Inc.
ABC200-1024G BEL-ABC200-1024G Datasheet
1Mb / 11P
High Efficiency up to 91% at 230 VAC
logo
Power-One
ABC200-1048G POWER-ONE-ABC200-1048G Datasheet
733Kb / 12P
High efficiency over 91% at 230
More results

Similar Description - ABC200

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DS2000-3 EMERSON-NETWORKPOWER-DS2000-3 Datasheet
1Mb / 4P
Active power factor correction
HPS3KW EMERSON-NETWORKPOWER-HPS3KW Datasheet
225Kb / 3P
Active Power Factor Correction
HPS35 EMERSON-NETWORKPOWER-HPS35 Datasheet
864Kb / 4P
Active Power Factor Correction
LPQ250 EMERSON-NETWORKPOWER-LPQ250 Datasheet
404Kb / 3P
Active power factor correction
LPQ350 EMERSON-NETWORKPOWER-LPQ350 Datasheet
144Kb / 2P
Active power factor correction
LPS350 EMERSON-NETWORKPOWER-LPS350 Datasheet
508Kb / 2P
Active power factor correction
NTS500 EMERSON-NETWORKPOWER-NTS500 Datasheet
457Kb / 3P
Active power factor correction
NTS500-M EMERSON-NETWORKPOWER-NTS500-M_09 Datasheet
680Kb / 3P
Active power factor correction
logo
Artesyn Technologies
NTS353 ARTESYN-NTS353 Datasheet
891Kb / 5P
Active power factor correction
logo
Bel Fuse Inc.
ABC600 BEL-ABC600 Datasheet
1Mb / 11P
Active power factor correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com