Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC200 Datasheet(PDF) 11 Page - Bel Fuse Inc.

Part # ABC200
Description  Active Power Factor Correction
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC200 Datasheet(HTML) 11 Page - Bel Fuse Inc.

Back Button ABC200 Datasheet HTML 3Page - Bel Fuse Inc. ABC200 Datasheet HTML 4Page - Bel Fuse Inc. ABC200 Datasheet HTML 5Page - Bel Fuse Inc. ABC200 Datasheet HTML 6Page - Bel Fuse Inc. ABC200 Datasheet HTML 7Page - Bel Fuse Inc. ABC200 Datasheet HTML 8Page - Bel Fuse Inc. ABC200 Datasheet HTML 9Page - Bel Fuse Inc. ABC200 Datasheet HTML 10Page - Bel Fuse Inc. ABC200 Datasheet HTML 11Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
ABC200 Series
11
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2017 Bel Power Solutions & Protection
BCD.G0201_AC
Figure 17. Top view
Figure 18. Front view
NOTE: A 3D step file of the power supply casing is available on request.
PIN
NAME
DESCRIPTION
Input J1
J1-1
Live
AC Input Live
J1-2
NA
NA
J1-3
Neutral
AC Input Neutral
Output J2
Pin 1-3(Insider Row)
-Vo
+12V / +24V / +48V output return
Pin 4-6(Outside Row)
+Vo
+12V / +24V / +48V output
Signal J3
J3-1
Power Good RTN
Power OK signal output return
J3-2
Power Good
Power OK signal output
J3-3
Vo Sense +
Main output positive sense
J3-4
Vo Sense -
Main output negative sense
NUCLEAR AND MEDICAL APPLICATIONS - Products are not designed or intended for use as critical components in life support systems,
equipment used in hazardous environments, or nuclear control systems.
TECHNICAL REVISIONS - The appearance of products, including safety agency certifications pictured on labels, may change depending on the
date manufactured. Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com