Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC201 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # ABC201
Description  Remote Sense
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC201 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  ABC201 Datasheet HTML 1Page - Bel Fuse Inc. ABC201 Datasheet HTML 2Page - Bel Fuse Inc. ABC201 Datasheet HTML 3Page - Bel Fuse Inc. ABC201 Datasheet HTML 4Page - Bel Fuse Inc. ABC201 Datasheet HTML 5Page - Bel Fuse Inc. ABC201 Datasheet HTML 6Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ABC201 Series
3
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2017 Bel Power Solutions & Protection
BCD.00284_AE
PARAMETER
DESCRIPTION / CONDITION
SPECIFICATION
Efficiency
120 VAC:
230 VAC:
84% typical
86% typical
Hold Up Time
120 / 230 VAC
10 ms
Output Power
Derate output power linearly to 80% from 90 V to 80 VAC input.
Peak Power: 250 W for 0.2 s
160 W to 200 W
Line Regulation
+/-0.5%
Load Regulation
+/-2.0%
Transient Response
Main output 50 to 100% load change,
50 Hz, 50% duty cycle, 0.1A / µs
< 10%,
recovery time < 5 ms
Rise Time
< 100 ms
Set Point Accuracy
± 1%
Voltage Adjustment
V1
± 3 %
Over Voltage Protection
V1 only
110 to 150 %
Over Current Protection
110% typical above rating
Short Circuit Protection
Short term, auto recovery
PARAMETER
DESCRIPTION / CONDITION
SPECIFICATION
Operating Temperature
Refer to derating curve (
Figure 1)
Start-up is guaranteed
-20 to 70°C
-20 to 0°C
Storage Temperature
-40 to 70° C
Cooling
5 V model
Convection:
300 LFM:
130 W
175 W
Other models
Convection:
300 LFM:
160 W
200 W
Humidity
Non Condensing
95%
Altitude
Operating:
Non-Operating:
10,000 ft.
40,000 ft.
Reliability
MTBF according to Telcordia –SR332-Issue 3
1.6 million hours
Conducted Emissions
EN55032-B, CISPR22-B, FCC PART15-B
Pass
Radiated Emissions
EN 55032 A;
with external core (King core K5B RC 25x12x15-M in input cable)
Pass
Level B
Input Current Harmonics
EN 61000-3-2
Class D
Voltage Fluctuation and Flicker
EN 61000-3-3
Pass
ESD Immunity
EN 61000-4-2
Level 3, Criterion A
Radiated Field Immunity
EN 61000-4-3
Level 3, Criterion A
Electrical Fast Transient Immunity
EN 61000-4-4
Level 3, Criterion A
Surge Immunity
EN 61000-4-5
Level 3, Criterion A
Conducted Immunity
EN 61000-4-6
Level 3, Criterion A
Magnetic Field Immunity
EN 61000-4-8
Level 3, Criterion A
Voltage Dips, Interruptions
EN 61000-4-11
Criterion A & B



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com