Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC201 Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # ABC201
Description  Remote Sense
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC201 Datasheet(HTML) 4 Page - Bel Fuse Inc.

  ABC201 Datasheet HTML 1Page - Bel Fuse Inc. ABC201 Datasheet HTML 2Page - Bel Fuse Inc. ABC201 Datasheet HTML 3Page - Bel Fuse Inc. ABC201 Datasheet HTML 4Page - Bel Fuse Inc. ABC201 Datasheet HTML 5Page - Bel Fuse Inc. ABC201 Datasheet HTML 6Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
ABC201 Series
tech.support@psbel.com
PARAMETER
DESCRIPTION / CONDITION
SPECIFICATION
Isolation Voltage
Input to Output:
Min. VDC
Safety Standards
Approved to the latest edition of the following standards:
CSA/UL60950-1, EN60950-1 and IEC60950-1
Agency Approvals
Nemko, UL, C-UL
CE mark
Complies with LVD Directive
PARAMETER
DESCRIPTION / CONDITION
Power Good Signal
TTL signal goes high after main output is in regulation band. Delay is 0.1 to 0.3 sec.
Power Fail Signal
TTL signal goes low 1 ms advance before output goes out of regulation due to mains failure
Remote ON / OFF
To turn-on power supply short J3 pin 4 to pin 6 (PSU is shipped in this configuration)
Remote Sense
Compensates for 200 mV cable drop
CONNECTOR
PIN
DESCRIPTION / CONDITION
MANUFACTURER / PN
AC Input Connector
J1
Pin 1
Pin 2
AC Neutral
AC Line
Molex: 26-60-4030 or equivalent;
Mating: 09-50-3031; Pins: 08-50-0106
DC Output Connector
J2
Pin 1,2,3
Pin 4,5,6
RTN
Vout
Option 1: Tyco: 2-1776112-3 or equivalent
Mating: 13 AWG wire
Option 2: JST: B6P-VH-B (LF) (SN) or B6P-VH (LF) (SN) or
equivalent
Mating: VHR-6M; Pins: SVH-41T-P1.1
Signals & Aux Power7
J3
Pin 1
Pin 2
Pin 3
Pin 4
Pin 5
Pin 6
Pin 7
Pin 8
+VE Remote Sense
VFAN (+12 V/0.5 A)
-VE Remote Sense
Remote ON/OFF
VSTBY (+5 V/1 A, +/-5%)
RTN (Signal)
Power Fail
Power Good
Molex: 22-23-2081 or equivalent
Mating: 22-01-2087, Pins: 08-50-0113
Earthing Tab
J4
Molex: 19705-4301 or equivalent
Mating: 190030001
PARAMETER
DESCRIPTION / CONDITION
Weight
325 g (0.72 lbs.)
Dimensions
127.0 x 76.2 x 38.1 mm (5 x 3 x 1.5 inch)
Cooling
Convection: 83 W; 300 LFM: 175 W (5 V model)
Convection: 160 W; 300 LFM: 200 W (other models)
7 PSU is supplied with J3 housing, pin-4 and pin-6 shorted to enable main output without remote on/off feature.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com