Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC201 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # ABC201
Description  Remote Sense
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC201 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  ABC201 Datasheet HTML 1Page - Bel Fuse Inc. ABC201 Datasheet HTML 2Page - Bel Fuse Inc. ABC201 Datasheet HTML 3Page - Bel Fuse Inc. ABC201 Datasheet HTML 4Page - Bel Fuse Inc. ABC201 Datasheet HTML 5Page - Bel Fuse Inc. ABC201 Datasheet HTML 6Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
The ABC201 Series of open-frame power supplies, with its wide
universal 90-264 VAC input range and high power density, is
available at 200 W of output power and a variety of single output
voltages.
The high efficiency and high power density of the ABC family ensures
minimal power loss in end-use equipment, thereby facilitating higher
reliability, easier thermal management and meets regulatory
approvals for environmentally-friendly end products.
These power supplies are ideal for telecom, datacom, industrial
equipment and other applications.
•
5 x 3 x 1.5 Inch Form Factor
•
200 W with Forced-Air Cooling
•
High Efficiency > 88%
•
12 V Fan & 5 V Standby Outputs
•
Remote Sense
•
Output Voltage Adjustability
•
IEC Protection Class Options:
•
Class I: Earthing Tab J4 (no suffix)
•
Class II: No Earthing Tab (-2 suffix)
•
RoHS Compliant
•
CE Marked
•
Instrumentation
•
Lighting
•
Industrial Applications
•
Applied Computing
•
Renewable Energy
•
Test and Measurement
•
Robotics
•
Wireless Communication


Similar Part No. - ABC201

ManufacturerPart #DatasheetDescription
logo
Power-One
ABC201-1005G POWER-ONE-ABC201-1005G Datasheet
558Kb / 4P
160 W convection cooled, Conducted EMI EN 55022-B, FCC Part 15 Level B
ABC201-1012G POWER-ONE-ABC201-1012G Datasheet
558Kb / 4P
160 W convection cooled, Conducted EMI EN 55022-B, FCC Part 15 Level B
ABC201-1015G POWER-ONE-ABC201-1015G Datasheet
558Kb / 4P
160 W convection cooled, Conducted EMI EN 55022-B, FCC Part 15 Level B
ABC201-1024G POWER-ONE-ABC201-1024G Datasheet
558Kb / 4P
160 W convection cooled, Conducted EMI EN 55022-B, FCC Part 15 Level B
ABC201-1030G POWER-ONE-ABC201-1030G Datasheet
558Kb / 4P
160 W convection cooled, Conducted EMI EN 55022-B, FCC Part 15 Level B
More results

Similar Description - ABC201

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EZ1087 SEMTECH-EZ1087 Datasheet
80Kb / 4P
5.0 AMP REMOTE SENSE VOLTAGE REGULATOR
logo
Linear Technology
LT4180 LINER-LT4180 Datasheet
347Kb / 16P
Virtual Remote Sense Controller
logo
Vicor Corporation
VI-213-EU VICOR-VI-213-EU Datasheet
203Kb / 5P
Remote sense and current limit
VI-J00-CY VICOR-VI-J00-CY Datasheet
189Kb / 5P
Remote sense and current limit
VI-211-CY VICOR-VI-211-CY Datasheet
311Kb / 6P
Remote sense and current limit
logo
Linear Technology
LT4180 LINER-LT4180_15 Datasheet
354Kb / 18P
Virtual Remote Sense Controller
logo
Vicor Corporation
PRM48BH480T200B00 VICOR-PRM48BH480T200B00 Datasheet
728Kb / 22P
High Efficiency Remote Sense PRM Converter
PRM48BX480Y600A00 VICOR-PRM48BX480Y600A00 Datasheet
802Kb / 22P
High Efficiency Remote Sense PRM Converter
logo
Astec America, Inc
AEH10 ASTEC-AEH10 Datasheet
464Kb / 2P
Remote sense compensation
logo
Vicor Corporation
PRD48BF480T600A00 VICOR-PRD48BF480T600A00 Datasheet
802Kb / 22P
PRM짰 Regulator Remote Sense Only
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com