Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC225 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # ABC225
Description  RoHS Compliant
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC225 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  ABC225 Datasheet HTML 1Page - Bel Fuse Inc. ABC225 Datasheet HTML 2Page - Bel Fuse Inc. ABC225 Datasheet HTML 3Page - Bel Fuse Inc. ABC225 Datasheet HTML 4Page - Bel Fuse Inc. ABC225 Datasheet HTML 5Page - Bel Fuse Inc. ABC225 Datasheet HTML 6Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
ABC225 Series
tech.support@psbel.com
MODEL NUMBER1
DESCRIPTION
VOLTAGE
MAX. LOAD
(CONVECTION)
(112.5 W)
MAX. LOAD
(CONVECTION)
(120 W)
MAX. LOAD
(13 CFM)
MIN. LOAD
RIPPLE &
NOISE2
ABC225-1T12L
ABC225-1012L
Screw Terminal
Molex Connector
12 V
9.37 A
10.0 A
18.75 A
0.0 A
1%
ABC225-1T15L
ABC225-1015L
Screw Terminal
Molex Connector
15 V
7.5 A
8.0 A
15 A
0.0 A
1%
ABC225-1T24L
ABC225-1024L
Screw Terminal
Molex Connector
24 V
4.68 A
5.0 A
9.37 A
0.0 A
1%
ABC225-1T30L
ABC225-1030L
Screw Terminal
Molex Connector
30 V
3.75 A
4.0 A
7.5 A
0.0 A
1%
ABC225-1T48L
ABC225-1048L
Screw Terminal
Molex Connector
48 V
2.34 A
2.5 A
4.68 A
0.0 A
1%
ABC225-1T58L
ABC225-1058L
Screw Terminal
Molex Connector
58 V
1.94 A
2.07 A
3.88 A
0.0 A
1%
COVER-225-XBC3 metal cover kit accessory
Specifications are for nominal input voltage, 25°C unless otherwise stated.
PARAMETER
DESCRIPTION / CONDITION
SPECIFICATION
Input Voltage
Universal
(Derate from 100% at 100 VAC to 90% at 85 VAC)
85-264 VAC / 390 VDC
Input Frequency
47-63 Hz
Input Current
115 VAC:
230 VAC:
2.2 A max.
1.1 A max.
No Load Power
Typical
< 0.5 W
Inrush Current
115 VAC:
230 VAC:
264 VAC:
25 A
45 A
75 A
Leakage Current
Typical (N.A. For Class II Option)
Touch current:
300 µA
<100 µA
Power Factor
With Full Load
>0.95
Switching Frequency
PFC:
PWM:
70 to 130 kHz
50-80 kHz
1 For Class II (without input Earth pin) add suffix -2 (e.g.: ABC225-1012L-2). Ensure non-metallic mounting stud when installing a Class II
product.
2 Ripple is peak to peak with 20 MHz bandwidth and 10 µF (Tantalum capacitor) in parallel with a 0.1 µF capacitor at rated line voltage
and load ranges.
3 When used in Cover Kit, de-rate output power to 70 % under all operating conditions.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com