Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC225 Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # ABC225
Description  RoHS Compliant
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC225 Datasheet(HTML) 4 Page - Bel Fuse Inc.

  ABC225 Datasheet HTML 1Page - Bel Fuse Inc. ABC225 Datasheet HTML 2Page - Bel Fuse Inc. ABC225 Datasheet HTML 3Page - Bel Fuse Inc. ABC225 Datasheet HTML 4Page - Bel Fuse Inc. ABC225 Datasheet HTML 5Page - Bel Fuse Inc. ABC225 Datasheet HTML 6Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
ABC225 Series
tech.support@psbel.com
PARAMETER
DESCRIPTION / CONDITION
SPECIFICATION
Operating Temperature7
Start-up is guaranteed, with spec deviation, see Fig. 1
-40 to +70°C
-40 to 0°C
Storage Temperature
-40 to +85°C
Cooling
With 13 CFM forced air cooling
With natural convection cooling at 100 to 264 VAC
225 W
Up to 120 W
Relative Humidity
Noncondensing
5% to 95%
Altitude
Operating:
Nonoperating:
16,000 ft.
40,000 ft.
Reliability
MTBF according to Telcordia -SR332-issue 3:
3.37 million hours
Convection load: 120 W up to 40 °C
De-rate between 40-50 °C @ 0.625% per °C
De-rate above 50 °C @ 2.33% per °C
Forced air cooled load: 225 W up to 50°C
De-rate above 50 °C @ 2.5% per °C
Figure 1. Derating Curve
Figure 2. Efficiency Graph at 115 VAC
Figure 3. Efficiency Graph at 230 VAC
7 Output ripple can be more than 10% of the output voltage.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com