Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC225 Datasheet(PDF) 5 Page - Bel Fuse Inc.

Part # ABC225
Description  RoHS Compliant
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC225 Datasheet(HTML) 5 Page - Bel Fuse Inc.

  ABC225 Datasheet HTML 1Page - Bel Fuse Inc. ABC225 Datasheet HTML 2Page - Bel Fuse Inc. ABC225 Datasheet HTML 3Page - Bel Fuse Inc. ABC225 Datasheet HTML 4Page - Bel Fuse Inc. ABC225 Datasheet HTML 5Page - Bel Fuse Inc. ABC225 Datasheet HTML 6Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ABC225 Series
5
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2017 Bel Power Solutions & Protection
BCD.00554_AG
CONNECTOR
PIN
DESCRIPTION/CONDITION
MANUFACTURER / PN
AC Input Connector
J1
Pin 1
Pin 2
Pin 3
AC Line
Not Fitted
AC Neutral
Molex: 26-60-4030
Mating: 09-50-3031; Pins: 08-50-0106
DC Output Connector
J2
Pin 1,2,3
Pin 4,5,6
V1 +VE
V1 - VE
Screw Terminal (Option 1)
Molex: 39357 Series or equivalent
Molex Connector (Option 2)
Molex: 26-60-4060
Mating: 09-50-3061; Pins: 08-50-0106
Aux (Fan) Output
J3
Pin 1
Pin 2
FAN +VE
FAN - VE
AMP :640456-2
Mating: 640440-2
PARAMETER
DESCRIPTION/CONDITION
Weight
200 g approx.
Dimensions
50.8 x 101.6 x 25.4 mm (2 x 4 x 1 inch)
Cooling8
225 W with 13 CFM forced air cooling (refer Mechanical Drawing)
Up to 120 W with natural convection cooling (refer Derating Curve)
Figure 4. Mechanical Drawing – Screw Terminal (Option 1)
8 225 W with 13CFM forced air cooling and 120 W with natural convection cooling at 100 to 264 VAC.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com