Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC450 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # ABC450
Description  ITE Safety Agency Approvals
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC450 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  ABC450 Datasheet HTML 1Page - Bel Fuse Inc. ABC450 Datasheet HTML 2Page - Bel Fuse Inc. ABC450 Datasheet HTML 3Page - Bel Fuse Inc. ABC450 Datasheet HTML 4Page - Bel Fuse Inc. ABC450 Datasheet HTML 5Page - Bel Fuse Inc. ABC450 Datasheet HTML 6Page - Bel Fuse Inc. ABC450 Datasheet HTML 7Page - Bel Fuse Inc. ABC450 Datasheet HTML 8Page - Bel Fuse Inc. ABC450 Datasheet HTML 9Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ABC450 Series
3
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2017 Bel Power Solutions & Protection
BCD.00326_AG
PARAMETER
DESCRIPTION / CONDITION
SPECIFICATIONS
Output Power5
475 W for 24 V, 30 V & 500 W for 48 V model
only for 5 seconds max.
155 to 450 W
Efficiency (Full Load)
120 VAC
24 V, 48 V, 30 V
12 V, 15 V
5 V
88%
86%
83% typical
230 VAC
24 V, 48 V, 30 V
90%
Hold Up Time
120 / 230 VAC
10 ms
Line Regulation
+/-0.5%
Load Regulation
+/-3%
Transient Response
<10%, 50% to 100% load change, 50 Hz, 50% duty
cycle, 0.1 A/µs
Recovery time < 5 ms
Rise Time
< 100 ms
Set Point Tolerance
+/-1%
Voltage Adjustment
V1
± 3 %
Over Voltage Protection
Latch Type
>114%
Over Current Protection
Hic-Up type
120 to 150%
Short Circuit Protection
Short term, auto recovery
Over Temperature Protection
Automatic recovery
130°C primary heat sink
Current Share
Up to 2 supplies connected in parallel (optional)
PARAMETER
DESCRIPTION / CONDITION
Power Good Signal
TTL signal goes high after main output is within regulation band, delay is 0.1 to 0.3 s
Remote Sense
Compensates for 200 mV drop
Remote on/off
To turn on PSU short remote pin to ground
Conducted Emissions
EN55032-B, CISPR22-B, FCC PART15-B
Pass
Radiated Emissions
EN 55032 A;
with external core (King core K5B RC 25x12x15-M in input cable)
Pass
Level B
Input Current Harmonics
EN 61000-3-2
Class D
Voltage Fluctuation and Flicker
EN 61000-3-3
Pass
ESD Immunity
EN 61000-4-2
Level 3, Criterion A
Radiated Field Immunity
EN 61000-4-3
Level 3, Criterion A
Electrical Fast Transient Immunity
EN 61000-4-4
Level 3, Criterion A
Surge Immunity
EN 61000-4-5
Level 3, Criterion A
Conducted Immunity
EN 61000-4-6
Level 3, Criterion A
Magnetic Field Immunity
EN 61000-4-8
Level 3, Criterion A
Voltage Dips, Interruptions
EN 61000-4-11
Criterion A & B
5 Derate output power linearly to 80% from 90 VAC to 80 VAC input.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com