Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC450 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # ABC450
Description  ITE Safety Agency Approvals
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC450 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  ABC450 Datasheet HTML 1Page - Bel Fuse Inc. ABC450 Datasheet HTML 2Page - Bel Fuse Inc. ABC450 Datasheet HTML 3Page - Bel Fuse Inc. ABC450 Datasheet HTML 4Page - Bel Fuse Inc. ABC450 Datasheet HTML 5Page - Bel Fuse Inc. ABC450 Datasheet HTML 6Page - Bel Fuse Inc. ABC450 Datasheet HTML 7Page - Bel Fuse Inc. ABC450 Datasheet HTML 8Page - Bel Fuse Inc. ABC450 Datasheet HTML 9Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
The ABC450 Series of open-frame power supplies, with its wide
universal 90-264 VAC input range and high power density, is
available at 450 W of output power and a variety of single and
multiple output voltages.
The high efficiency and high power density of the ABC family ensures
minimal power loss in end-use equipment, thereby facilitating higher
reliability, easier thermal management and meets regulatory
approvals for environmentally-friendly end products.
These medical power supplies are ideal for monitoring, home health
equipment as well as surgical devices.
•
4 x 6.5 x 1.61 inches
•
Universal AC Input
•
450 W (with airflow), 300 W (without airflow)
•
Current Sharing Option
•
Cover and Fan Options
•
Peak Power Capability
•
Low Standby Power
•
Side Fan or Top Fan Mounting Option Product
•
(–S or –T to be added to model number)
•
Current Sharing Option Product (–I to be added to model number)
•
ITE Safety Agency Approvals
•
RoHS Compliant
•
CE marked
•
Instrumentation
•
Lighting
•
Industrial Applications
•
Test and Measurement
•
Robotics
•
Renewable Energy
•
Data Communication
•
Applied Computing


Similar Part No. - ABC450

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
ABC450 BEL-ABC450 Datasheet
1Mb / 10P
450 W (with airflow), 300 W (without airflow)
ABC450-1T05G BEL-ABC450-1T05G Datasheet
1Mb / 9P
These power supplies are ideal for telecom
ABC450-1T05G BEL-ABC450-1T05G Datasheet
1Mb / 10P
450 W (with airflow), 300 W (without airflow)
ABC450-1T12G BEL-ABC450-1T12G Datasheet
1Mb / 10P
450 W (with airflow), 300 W (without airflow)
ABC450-1T15G BEL-ABC450-1T15G Datasheet
1Mb / 10P
450 W (with airflow), 300 W (without airflow)
More results

Similar Description - ABC450

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
NPT40 EMERSON-NETWORKPOWER-NPT40 Datasheet
435Kb / 4P
Medical and ITE Safety Approvals
logo
FSP TECHNOLOGY INC.
FSP042-1K40M1 FSP-FSP042-1K40M1 Datasheet
142Kb / 1P
Medical and ITE approvals
FSP042-3K13M1 FSP-FSP042-3K13M1 Datasheet
143Kb / 1P
Medical and ITE approvals
FSP042-3K20M1 FSP-FSP042-3K20M1 Datasheet
115Kb / 1P
Medical and ITE approvals
FSP100-1K00M1 FSP-FSP100-1K00M1 Datasheet
153Kb / 1P
Medical and ITE approvals
FSP100-1K70M1 FSP-FSP100-1K70M1 Datasheet
154Kb / 1P
Medical and ITE approvals
logo
Artesyn Technologies
NPS22-M ARTESYN-NPS22-M Datasheet
627Kb / 3P
Medical and ITE safety approvals
logo
Bel Fuse Inc.
ABC300 BEL-ABC300 Datasheet
1Mb / 6P
ITE Safety Agency Approvals
logo
ETA-USA
ZMP250-SX-F-WO ETA-USA-ZMP250-SX-F-WO Datasheet
1Mb / 3P
250W AC/DC ITE & Medical Dual Safety Approvals
ZMP400 ETA-USA-ZMP400 Datasheet
1Mb / 3P
400W AC/DC ITE & Medical Dual Safety Approvals
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com