Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC450 Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # ABC450
Description  ITE Safety Agency Approvals
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC450 Datasheet(HTML) 4 Page - Bel Fuse Inc.

  ABC450 Datasheet HTML 1Page - Bel Fuse Inc. ABC450 Datasheet HTML 2Page - Bel Fuse Inc. ABC450 Datasheet HTML 3Page - Bel Fuse Inc. ABC450 Datasheet HTML 4Page - Bel Fuse Inc. ABC450 Datasheet HTML 5Page - Bel Fuse Inc. ABC450 Datasheet HTML 6Page - Bel Fuse Inc. ABC450 Datasheet HTML 7Page - Bel Fuse Inc. ABC450 Datasheet HTML 8Page - Bel Fuse Inc. ABC450 Datasheet HTML 9Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
ABC450 Series
tech.support@psbel.com
PARAMETER
DESCRIPTION / CONDITION
SPECIFICATIONS
Operating Temperature
Refer to derating curve
(Figure 1)
0 to +70°C
Storage Temperature
-40 to 85° C
Humidity
Non Condensing
95% HR
Altitude
Operating:
Non-Operating:
10,000 ft.
40,000 ft.
Cooling
5 V model
Convection: 155 W
420 LFM:
275 W
12 V & 15 V models
Convection: 250 W
420 LFM:
450 W
24 V, 30 V & 48 V models
Convection: 300 W
420 LFM:
450 W
Reliability
MTBF according to Telcordia -SR332-Issue 3
1.28 million hours
PARAMETER
DESCRIPTION / CONDITION
SPECIFICATION
Isolation Voltage
Input to Output
Input to Earth
4242 VDC
2121 VDC
Safety Standards
Approved to the latest edition of the following standards:
CSA/UL60950-1, EN60950-1 and IEC60950-1; Class1 SELV
Agency Approvals
Nemko, Nemko-CCL
CE mark
Complies with LVD Directive
CONNECTOR
PIN
DESCRIPTION / CONDITION
MANUFACTURER / PN
AC Input Connector
J1
Pin 1
Pin 3
Pin 5
AC line
AC neutral
Earth
Tyco: 1-1123724-3
Mating: 1-1123722-5
DC Output Connector
J2
Lug 1
Lug 2
+V1
RTN
6-32 inches Screw Pan HD
Mating: 16 AWG wire crimped to Ring Tongue Terminal AMP: 8-
31886-1
Signals6
J3
Pin 1
Pin 2
Pin 3
Pin 4
Pin 5
Pin 6
Pin 7
Pin 8
Pin 9
Pin 10
NC
Power Fail
Power Good
DC Return
+5Vstby
+VE Remote Sense
-VE Remote Sense
CS
DC Return
Remote On/Off
Molex: 22-23-2081
Mating: 22-01-2087; Pins: 08-50-0113
Fan
J4
Pin 1
Pin 2
+VE
-VE
Mating Connector: Molex 22-01-2025
Pins = 08-50-0113
Earth7
J5
Molex: 19705-4301
Mating: 190030001
6 PSU is supplied with J3, pin-9 and pin-10 shorted to enable main output without remote on/off feature
7 The J5 (Earth) spade connector can be used for U-Channel option products only. When fan options are required the earth connection
provided in the input AC connector should be used (Pin 5 – J1)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com