Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6552V02D Datasheet(PDF) 7 Page - STMicroelectronics

Part # VS6552V02D
Description  VGA Color CMOS Image Sensor Module
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6552V02D Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VS6552V02D Datasheet HTML 3Page - STMicroelectronics VS6552V02D Datasheet HTML 4Page - STMicroelectronics VS6552V02D Datasheet HTML 5Page - STMicroelectronics VS6552V02D Datasheet HTML 6Page - STMicroelectronics VS6552V02D Datasheet HTML 7Page - STMicroelectronics VS6552V02D Datasheet HTML 8Page - STMicroelectronics VS6552V02D Datasheet HTML 9Page - STMicroelectronics VS6552V02D Datasheet HTML 10Page - STMicroelectronics VS6552V02D Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
7/26
VS6552
3.2.3 Image Statistics
VS6552 generates image statistics which can be
used by STV0974 as an input to an auto exposure
controller (AEC), automatic gain controller (AGC)
and automatic white balance (AWB). .
3.3 Device Operating Modes
3.3.1 Standby
This is the lowest power consumption mode. I2C
communications to STV0974 are not supported in
this mode. The clock input pad, PLL and the video
blocks are powered down.
3.3.2 Sleep Mode
Sleep mode preserves the contents of the I2C reg-
ister map. I2C communications to STV0974 are
supported in this mode. The sleep mode is select-
ed via a serial interface command sent by
STV0974. The data pads go high at the end of the
current frame. At this point the video block and
PLL power down. The internal video timing is reset
to the start of a video frame in preparation for the
enabling of active video. The values of the serial
interface registers like exposure and gain are pre-
served. The system clock must remain active to al-
low communication with the sensor.
3.3.3 Clock Active Mode
This mode is similar to ‘sleep mode’ except that
the PLL is now powered up to permit a PCLKP/
PCLKN signal to be delivered to STV0974. The
PDATAP/PDATAN pads remain inactive. The vid-
eo block is powered down.
3.3.4 Idle Mode
VCAP is generated. The analog video block is now
powered up but the array is held in reset and the
output PDATAP/PDATAN pads remain high.
3.3.5 Video
The VS6552 streams live video to the STV0974.
Table 4. VS6552 Power-up Sequence
3.4 Power Management
VS6552 requires a dual power supply. The analog
circuits are powered by a nominal 2.8 V supply
while the digital logic and digital I/O are powered
by a nominal 1.8 V supply.
3.4.1 Power-up, Power-down Procedures
The power up and power down procedures are de-
tailed in the following Figure 3.
Mode
Design block powered down
Video data
inhibit
I2C
Digital
PLL & CLK
pinsa b
a.PLL (Phase Locked Loop) generates fast system clock for STV0974
b.PLL, PCLKP and PCLKN pins
Output pins
Analog
Standby
(PDN low)
Yes
Yes
Yes
Yes
Yes
Yes
Sleep
No
Yes
Yes
Yes
Yes
Yes
Clock
active
No
No
No
Yes
Yes
Yes
Idle
No
No
No
No
No
Yes
Video
No
No
No
No
No
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com