Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6552V02D Datasheet(PDF) 5 Page - STMicroelectronics

Part # VS6552V02D
Description  VGA Color CMOS Image Sensor Module
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6552V02D Datasheet(HTML) 5 Page - STMicroelectronics

  VS6552V02D Datasheet HTML 1Page - STMicroelectronics VS6552V02D Datasheet HTML 2Page - STMicroelectronics VS6552V02D Datasheet HTML 3Page - STMicroelectronics VS6552V02D Datasheet HTML 4Page - STMicroelectronics VS6552V02D Datasheet HTML 5Page - STMicroelectronics VS6552V02D Datasheet HTML 6Page - STMicroelectronics VS6552V02D Datasheet HTML 7Page - STMicroelectronics VS6552V02D Datasheet HTML 8Page - STMicroelectronics VS6552V02D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
5/26
VS6552
2 SIGNAL DESCRIPTION
Table 3. Signal Description
Note: The physical position of the signals on the package can be found by refering to the pinout information in Chapter 7: Package Mechan-
ical Data.
Pad Number
Pad Name
I/O Type
Description
Power supplies
1CEXT
PWR
Connection to capacitora
2
AGND
PWR
Analog ground
3
AVDD
PWR
Analog power
8
GND
PWR
Digital ground
11
VDD
PWR
Digital power
System
4PDN
I
Power down controlb
5
CLK
I
System clock input
Control
6
MSCL
I
Serial communication clock
7
MSDA
I/O
Serial communication data
Data
9
PCLKN
vLVDS output
Output qualifying clock
10
PCLKP
vLVDS output
Output qualifying clock
12
PDATAN
vLVDS output
Serial output data
13
PDATAP
vLVDS output
Serial output data
Not connected
14
Not connected
NC
Not connected
a.Internally generated voltage that needs to be externally decoupled with a 100 nF, 5 V capacitor
b.Signal is active low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com