Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6552V02D Datasheet(PDF) 1 Page - STMicroelectronics

Part # VS6552V02D
Description  VGA Color CMOS Image Sensor Module
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6552V02D Datasheet(HTML) 1 Page - STMicroelectronics

  VS6552V02D Datasheet HTML 1Page - STMicroelectronics VS6552V02D Datasheet HTML 2Page - STMicroelectronics VS6552V02D Datasheet HTML 3Page - STMicroelectronics VS6552V02D Datasheet HTML 4Page - STMicroelectronics VS6552V02D Datasheet HTML 5Page - STMicroelectronics VS6552V02D Datasheet HTML 6Page - STMicroelectronics VS6552V02D Datasheet HTML 7Page - STMicroelectronics VS6552V02D Datasheet HTML 8Page - STMicroelectronics VS6552V02D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1/26
October 2004
VS6552
VGA Color CMOS Image Sensor Module
Rev. 2
FEATURES
■ Small physical size
■ Ultra low power standby mode
■ SmOP (Small Optical Package) technology
featuring integrated lens
■ Class leading low light performance
■ VGA resolution sensor
■ Compatible with STV0974 companion mobile
processor
■ High frame rate to minimize image distortion
■ Low EMI link (VisionLink) to STV0974
■ On-chip 10-bit ADC
■ Automatic dark calibration
■ I
2C communications
■ On-chip PLL
DESCRIPTION
The VS6552 is a VGA resolution SmOP sensor
module. SmOP technology combines the image
sensor and fixed focus lens system in a single
module. This approach provides a number of ad-
vantages:
– SmOP technology is suitable for high volume
manufacturing
– SmOP can be plugged into a PCB mounted
flow soldered socket
– SmOP can be mounted close to noisy RF
source as differential signalling used to
transmit data has good immunity from radio
interference.
The sensor outputs raw Bayer colorized data to
the
STV0974
companion
mobile
processor.
STV0974 then performs all color processing and
exposure control functions before outputting the
data in an appropriate interface format like YCbCr,
RGB or JPEG.
VS6552 offers an ultra low power standby mode
that consumes less than 15 µW.
The SmOP lens has been designed to combine
class leading low light performance with good
depth of field to ensure excellent overall optical
performance. The lens is a 2 element moulded
plastic design.
The output data and qualification clock are trans-
mitted over low noise, low voltage and fully differ-
ential links. VS6552 configuration registers are
controlled via a private I2C interface to STV0974.
APPLICATIONS
■ Mobile phone embedded camera system
■ PDA embedded camera or accessory camera
■ Wireless security camera
Table 1. Technical Specifications
Pixel resolution
644 x 484 (VGA)
Pixel size
5.6µm x 5.6µm
Exposure control
+81 dB
Analog gain
+24 dB (max)
Dynamic range
60 dB (Typical)
Signal to noise at
50cd.m2
37 dB (Typical)
Supply voltage
2.8 V (analog supply)
1.8 V (digital supply)
Power consumption
<75 mW (@30 frame/s)
<15 µW (standby mode)
Package size
10.7mm x 8.7mm x
6mm:SmOP1.5
9.5mm x 8.5mm x 6.1mm
:SmOP2
Lens
45o HFOV, f# 2.8
Package type
14 pad SmOP
System attach
Socket or flexible circuit


Similar Part No. - VS6552V02D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VS6555 STMICROELECTRONICS-VS6555 Datasheet
456Kb / 7P
Ultra small reflowable VGA camera module
18-Jan-2007
VS6555R0H9 STMICROELECTRONICS-VS6555R0H9 Datasheet
456Kb / 7P
Ultra small reflowable VGA camera module
18-Jan-2007
VS6555R0H9TR STMICROELECTRONICS-VS6555R0H9TR Datasheet
456Kb / 7P
Ultra small reflowable VGA camera module
18-Jan-2007
More results

Similar Description - VS6552V02D

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9627 NSC-LM9627 Datasheet
370Kb / 37P
Color CMOS Image Sensor VGA 30 FPS
LM9647 NSC-LM9647 Datasheet
919Kb / 2P
LM9647 Color CMOS Image Sensor VGA 68 FPS
LM9628 NSC-LM9628 Datasheet
942Kb / 2P
LM9628 Color CMOS Image Sensor VGA 30 FPS
logo
List of Unclassifed Man...
ICM105B ETC1-ICM105B Datasheet
1Mb / 17P
Color VGA CMOS Image Sensor
logo
STMicroelectronics
VS6502 STMICROELECTRONICS-VS6502 Datasheet
52Kb / 2P
VGA Color CMOS Image Sensor Module
May-2004
VV6501 STMICROELECTRONICS-VV6501 Datasheet
544Kb / 60P
VGA CMOS Color Image Sensor
Sep-2003
logo
Pixart Imaging Inc.
PAC407BCA PIXART-PAC407BCA Datasheet
494Kb / 24P
CMOS VGA DIGITAL IMAGE SENSOR
PAS302BCA-32 PIXART-PAS302BCA-32 Datasheet
348Kb / 15P
CMOS VGA DIGITAL IMAGE SENSOR
PAS6352 PIXART-PAS6352 Datasheet
313Kb / 16P
CMOS VGA IMAGE SENSOR
PAS6371 PIXART-PAS6371 Datasheet
414Kb / 20P
CMOS VGA DIGITAL IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com