Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS-4040 Datasheet(PDF) 1 Page - ORing Industrial Networking Corp

Part # ICS-4040
Description  Industrial 4-port lite-managed PCI Ethernet switch card
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

ICS-4040 Datasheet(HTML) 1 Page - ORing Industrial Networking Corp

  ICS-4040 Datasheet HTML 1Page - ORing Industrial Networking Corp ICS-4040 Datasheet HTML 2Page - ORing Industrial Networking Corp ICS-4040 Datasheet HTML 3Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1-483
1-483
Designed for Rugged Excellence
Industrial 4-port lite-managed PCI Ethernet switch card with
4x10/100Base-T(X)
ICS-4040
▪
Fastest Redundant Ethernet Ring : O-Ring (recovery time < 10ms
over 250 units of connection)
▪
Open-Ring support the other vendor's ring technology in open
architecture
▪
Supports 4x10/100Base-T(X) ports
▪
Multiple Redundant Ethernet technology RSTP/STP, supported to
protect your industrial network
▪
SNMP v1/v2/v3 support for secure network management
▪
Configurable by Web-based and Windows utility (Open-Vision)
▪
Event notification through Syslog, Email, and SNMP trap
▪
Complied with PCI Bus specification, Rev 2.2
ICS-4040 is a lite-managed redundant ring Ethernet switch card with PCI-Bus and 4x10/100Base-T(X) ports. ICS-4040 could be installed on any IPC
motherboard with PCI socket to make the IPC/embedded system able to communicate the other devices redundantly. Meanwhile, the network could feature
Ethernet network redundancy by the fastest redundant ring protocol, O-Ring (recovery time < 10 ms over 250 units of connections ) and the standard
redundant protocols, RSTP/STP (IEEE 802.1w/D). Accordingly, the mission-critical communications could be protected from network any interruptions or
malfunctions. Further, ICS-4040 features an external redundant DC power input. Hence, even if the IPC motherboard fails, the data transmission could bypass
the failed IPC motherboard and the network will still work properly. Therefore, ICS-4040 is the best solution to IPC/embedded systems to feature Ethernet
network redundancy.
ORing's switches are intelligent switches. Being different from other
traditional redundant switches, ORing provides a set of Windows utility
(Open-Vision) for users to manage and monitor all of industrial
Ethernet switches on the industrial network.
Introduction
Open-Vision
Network connection
Monitoring and Configuration interface
Features
v1.4 / Oct, 2010
Industrial Ethernet Switch Lite-Managed PCI Ethernet Switch Card
ICS-4040


Similar Part No. - ICS-4040

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ICS-40180 TDK-ICS-40180 Datasheet
407Kb / 14P
Hardened, Low-Noise Microphone with Bottom Port and Analog Output
ICS-40180 TDK-ICS-40180 Datasheet
337Kb / 4P
Analog Output MEMS Microphone Flex Evaluation Board User Guide
ICS-40181 TDK-ICS-40181 Datasheet
405Kb / 14P
RF-Hardened, Low-Noise Microphone with Top Port and Analog Output
ICS-40181 TDK-ICS-40181 Datasheet
337Kb / 4P
Analog Output MEMS Microphone Flex Evaluation Board User Guide
ICS-40212 TDK-ICS-40212 Datasheet
312Kb / 16P
Analog Microphone with Low Power Mode
More results

Similar Description - ICS-4040

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
IES-2050A ORING-IES-2050A Datasheet
1Mb / 3P
Industrial 5-port slim type lite-managed Ethernet switch
IES-2050-M12 ORING-IES-2050-M12 Datasheet
1Mb / 3P
Industrial 5-port lite-managed Ethernet switch
IES-2060 ORING-IES-2060 Datasheet
1Mb / 4P
Industrial 6-port lite-managed Ethernet switch
IES-3073GC ORING-IES-3073GC Datasheet
1Mb / 4P
Industrial 10-port managed Ethernet switch
IES-3082GP ORING-IES-3082GP Datasheet
1Mb / 4P
Industrial 10-port managed Ethernet switch
IES-3160 ORING-IES-3160 Datasheet
1Mb / 4P
Industrial 16-port managed Ethernet switch
IES-3162GC ORING-IES-3162GC Datasheet
1Mb / 4P
Industrial 18-port managed Ethernet switch
IPS-2042P ORING-IPS-2042P Datasheet
921Kb / 3P
Industrial 6-port lite-managed PoE Ethernet switch
IPS-2042TX ORING-IPS-2042TX Datasheet
1Mb / 4P
Industrial 6-port lite-managed PoE Ethernet Switch
TES-250-M12 ORING-TES-250-M12 Datasheet
4Mb / 4P
5-port lite-managed Ethernet switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com