Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS-4040 Datasheet(PDF) 2 Page - ORing Industrial Networking Corp

Part # ICS-4040
Description  Industrial 4-port lite-managed PCI Ethernet switch card
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

ICS-4040 Datasheet(HTML) 2 Page - ORing Industrial Networking Corp

  ICS-4040 Datasheet HTML 1Page - ORing Industrial Networking Corp ICS-4040 Datasheet HTML 2Page - ORing Industrial Networking Corp ICS-4040 Datasheet HTML 3Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1
www.oring-networking.com
1-484
Dimensions
(Unit=mm)
ORing Switch Model
ICS-4040
Physical Ports
10/100Base-T(X) Ports in RJ45 Auto MDI/MDIX
4
Technology
Ethernet Standards
IEEE 802.3 for 10Base-T
IEEE 802.3u for 100Base-TX
IEEE 802.3x for Flow control
IEEE 802.1D for STP (Spanning Tree Protocol)
IEEE 802.1w for RSTP (Rapid Spanning Tree Protocol)
IEEE 802.1AB for LLDP (Link Layer Discovery Protocol)
MAC Table
2048 MAC addresses
Priority Queues
4
Processing
Store-and-Forward
Switch Properties
Switching bandwidth : 1.0Gbps
VLAN : Port Based
Security Features
Enable/disable ports
VLAN to segregate and secure network traffic
SNMPv3 encrypted authentication and access security
Software Features
STP/RSTP (IEEE 802.1D/w)
Redundant Ring (O-Ring) with recovery time less than 10ms over 250 units
Port configuration, status, statistics, monitoring, security
DHCP Client
Network Redundancy
O-Ring
Open-Ring
STP
RSTP
Fast recovery
LED Indicators
Power / Ready Indicator
Green : Ready LED x 1
Fault Indicator
Red : Indicates unexpected event occurred
10/100Base-T(X) RJ45 Port Indicator
Green for port Link/Act. Amber for O-Ring port indicator
Fault contact
Relay
Relay output to carry capacity of 1A at 24VDC (Optional)
Specifications
Industrial Ethernet Switch Lite-Managed PCI Ethernet Switch Card
v1.4 / Oct, 2010



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com