Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS-4040 Datasheet(PDF) 3 Page - ORing Industrial Networking Corp

Part # ICS-4040
Description  Industrial 4-port lite-managed PCI Ethernet switch card
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

ICS-4040 Datasheet(HTML) 3 Page - ORing Industrial Networking Corp

  ICS-4040 Datasheet HTML 1Page - ORing Industrial Networking Corp ICS-4040 Datasheet HTML 2Page - ORing Industrial Networking Corp ICS-4040 Datasheet HTML 3Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1-485
1-485
Designed for Rugged Excellence
Available
Model
Model Name
Description
ICS-4040
Industrial 4-port lite-managed PCI Ethernet switch card with 4x10/100Base-T(X)
Packing List
‧
ICS-4040
‧
ORing Tool CD
‧
Quick Installation Guide
Optional Accessories (Can be purchased separately)
‧
Open-Vision M500, Powerful Network Management Windows Utility Suite, 500 IP devices
‧
DR-45 series, 45W DIN-Rail power supply
‧
DR-75-12/DR-75-24, 75W DIN-Rail power supply
‧
DR-120-12/DR-120-24, 120W DIN-Rail power supply
ICS-4 AA B
Power
Input Power
PCI bus-powered and external 9~30 VDC on 2-pin terminal block
Power Consumption (Typ.)
3.5 Watts
Overload Current Protection
Present
Reverse Polarity Protection
Present on terminal block
Physical Characteristics
Dimensions (W x D x H)
121(H) x 100(W) mm (4.76x3.94 inch.)
Weight (g)
100 g
Environmental
Operating Temperature
-10 to 60°C (14 to 140°F)
Operating Humidity
5% to 95% Non-condensing
Regulatory Approvals
EMI
FCC Part 15, CISPR (EN55022) class A
EMS
EN61000-4-2 (ESD), EN61000-4-3 (RS), EN61000-4-4 (EFT), EN61000-4-5 (Surge), EN61000-4-6 (CS), EN61000-4-8,
EN61000-4-11
Shock
IEC60068-2-27
Free Fall
IEC60068-2-32
Vibration
IEC60068-2-6
Warranty
3 years
Ordering Information
Code Definition
10/100Base-T(X)
Port Number
Additional Port Number
Option
- 04: 4 ports
- 0: 0 port
v1.4 / Oct, 2010
Industrial Ethernet Switch Lite-Managed PCI Ethernet Switch Card



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com