Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMC-B111ETB-RJ45 Datasheet(PDF) 1 Page - ORing Industrial Networking Corp

Part # IMC-B111ETB-RJ45
Description  Industrial mini type extended media converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

IMC-B111ETB-RJ45 Datasheet(HTML) 1 Page - ORing Industrial Networking Corp

  IMC-B111ETB-RJ45 Datasheet HTML 1Page - ORing Industrial Networking Corp IMC-B111ETB-RJ45 Datasheet HTML 2Page - ORing Industrial Networking Corp IMC-B111ETB-RJ45 Datasheet HTML 3Page - ORing Industrial Networking Corp IMC-B111ETB-RJ45 Datasheet HTML 4Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
* All specifications are subject to change without notice.
Designed for Rugged Excellence
v1.0
Introduction
Features
Extend Ethernet distance up to 300m (984 feet) over
UTP cable or up to 200m (656 feet) over 24AWG
none-UTP cable
Support 2/4/8-wired auto detecting transmission
Provided DIP-Switch to selecting Auto/Manual mode for
Master/Slave setting
Supports Auto mode to auto-negotiation for
master/slave mode switching
Ethernet port support full/half duplex operation
Ethernet port support Auto MDI/MDI-X switching
function
Redundant 12~48VDC power inputs with Terminal Block
Rigid IP-30 mini-type housing design
DIN-Rail and wall mounting enabled
IMC-B111ETB-RJ45 is a cost-effective solution for extending an Ethernet connection beyond its inherent distance
limitation. IMC-B111ETB-RJ45 can extend the distance to 300 meters using a UTP cable or 200meters using a 24AWG
cable. IMC-B111ETB-RJ45 supports 2/4/8-wired auto detecting transmission. IMC-B111ETB-RJ45 provides a wide
operating temperature range from -40~75oC, making it suitable for harsh operating environments.
IMC-B111ETB-RJ45
Industrial mini type extended media converter with 1x100Base-TX
to 1xEthernet extender, RJ45 socket
Connections of Media Converter


Similar Part No. - IMC-B111ETB-RJ45

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IMC-0402 VISHAY-IMC-0402 Datasheet
25Kb / 1P
High Frequency, Surface Mount, Laser Spiral, Coated Inductors
16-May-03
IMC-0402 VISHAY-IMC-0402 Datasheet
244Kb / 2P
SMD Magnetics Packaging Methods
15-Jan-14
IMC-0402-01 VISHAY-IMC-0402-01 Datasheet
154Kb / 3P
Surface Mount Inductor, Wirewound
27-Oct-08
IMC-0402-01 VISHAY-IMC-0402-01 Datasheet
244Kb / 2P
SMD Magnetics Packaging Methods
15-Jan-14
IMC-0402-01 VISHAY-IMC-0402-01 Datasheet
161Kb / 3P
Wirewound, Surface Mount Inductors
18-Sep-13
More results

Similar Description - IMC-B111ETB-RJ45

ManufacturerPart #DatasheetDescription
logo
Level One
IEC-4000 LVL1-IEC-4000 Datasheet
506Kb / 3P
Industrial Fast Ethernet mini Media Converter
IEC-4002 LVL1-IEC-4002 Datasheet
515Kb / 3P
Industrial Fast Ethernet Mini Media Converter
IEC-4301 LVL1-IEC-4301 Datasheet
515Kb / 3P
Industrial Fast Ethernet Mini Media Converter
logo
Red Lion Controls. Inc
302MC REDLION-302MC Datasheet
440Kb / 3P
Industrial Media Converter
102MC REDLION-102MC Datasheet
554Kb / 3P
Industrial Media Converter
logo
ORing Industrial Networ...
IGMC-111GPB ORING-IGMC-111GPB Datasheet
791Kb / 4P
Industrial mini type Gigabit Ethernet to fiber media converter
IMC-111FB ORING-IMC-111FB Datasheet
742Kb / 4P
Industrial mini type Ethernet to fiber media converter
IMC-121FB ORING-IMC-121FB Datasheet
611Kb / 3P
Industrial mini type Ethernet to fiber media converter
IMC-V111ET-TB ORING-IMC-V111ET-TB Datasheet
1Mb / 3P
Industrial extended media converter
IPMC-111PB ORING-IPMC-111PB Datasheet
1Mb / 4P
Industrial mini type Ethernet to fiber PoE media converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com