Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMC-B111ETB-RJ45 Datasheet(PDF) 2 Page - ORing Industrial Networking Corp

Part # IMC-B111ETB-RJ45
Description  Industrial mini type extended media converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

IMC-B111ETB-RJ45 Datasheet(HTML) 2 Page - ORing Industrial Networking Corp

  IMC-B111ETB-RJ45 Datasheet HTML 1Page - ORing Industrial Networking Corp IMC-B111ETB-RJ45 Datasheet HTML 2Page - ORing Industrial Networking Corp IMC-B111ETB-RJ45 Datasheet HTML 3Page - ORing Industrial Networking Corp IMC-B111ETB-RJ45 Datasheet HTML 4Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
* All specifications are subject to change without notice.
Designed for Rugged Excellence
v1.0
Dimension
Specifications
ORing Extended
Converter Model
IMC-B111ETB-RJ45
Physical Ports
100Base-TX Port in RJ45
Auto MDI/MDIX
1
100Mbps Ethernet Extender Ports in
RJ45
1 (support 2/4/8-wired auto detecting)
Technology
Ethernet Standards
IEEE 802.3u for 100Base-TX
Processing
Store-and-Forward
LED Indicators
Power indicator
Green : Power LED x 2
100Base-T(X) RJ45 Port Indicator
Green LED for Link indicator.
Amber LED for Ack indicator
Ethernet Extender Indicator
Green LED for Link indicator.
Amber LED for Ack indicator.
DIP-Switch
DIP-Switch Setting
DIP-switch 1 for master/slave mode select : (On) Master mode, (Off) slave mode
DIP-switch 2 for Auto/Manual mode select :
(On) Manual mode ~ Extender need to manual setting master mode or slave mode follow the DIP-switch 1 setting
(Off) Auto mode ~ Extender will be auto negotiation and auto setting master or slave mode
Unit=mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com