Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMC-B111ETB-RJ45 Datasheet(PDF) 3 Page - ORing Industrial Networking Corp

Part # IMC-B111ETB-RJ45
Description  Industrial mini type extended media converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

IMC-B111ETB-RJ45 Datasheet(HTML) 3 Page - ORing Industrial Networking Corp

  IMC-B111ETB-RJ45 Datasheet HTML 1Page - ORing Industrial Networking Corp IMC-B111ETB-RJ45 Datasheet HTML 2Page - ORing Industrial Networking Corp IMC-B111ETB-RJ45 Datasheet HTML 3Page - ORing Industrial Networking Corp IMC-B111ETB-RJ45 Datasheet HTML 4Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
* All specifications are subject to change without notice.
Designed for Rugged Excellence
v1.0
Power
Input power
Dual 12 ~ 48VDC power inputs.
Power consumption (Typ.)
2 Watts
Overload current protection
Present
Physical Characteristic
Enclosure
IP-30
Dimension (W x D x H)
26.1 (W) x 70 (D) x 95 (H)mm (1.03 x 2.76 x 3.74 inch)
Weight (g)
242 g
Environmental
Storage Temperature
-40 to 85oC (-40 to 185oF)
Operating Temperature
-40 to 75oC (-40 to 167oF)
Operating Humidity
5% to 95% Non-condensing
Regulatory Approvals
EMI
FCC Part 15, CISPR (EN55022) class A
EMS
EN61000-4-2 (ESD), EN61000-4-3 (RS), EN61000-4-4 (EFT), EN61000-4-5 (Surge), EN61000-4-6 (CS), EN61000-4-8,
EN61000-4-11
Shock
IEC60068-2-27
Free Fall
IEC60068-2-32
Vibration
IEC60068-2-6
Safety
EN60950-1
Warranty
5 years
Ordering Information
IMC-B1 A BETB-CCCC
Code
Definition
100Base-T(X) Port Number
Ethernet Extender Port Number
Ethernet Extender Port Type
Option
- 1: 1 port
- 1: 1 port
- RJ45: RJ45 Interface
Available
Model
Model Name
Description
IMC-B111ETB-RJ45
Industrial mini type extended media converter with 1x100Base-TX to 1xEthernet extender,
RJ45 connector
Packing List
IMC-B111ETB-RJ45 x 1
Quick Installation Guide x 1
DIN-Rail Kit x 1
Wall-mount Kit x 1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com