Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3213 Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # 3213
Description  MICROPOWER, ULTRA-SENSITIVE HALL-EF FECT SWITCHES
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3213 Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button 3213 Datasheet HTML 3Page - Allegro MicroSystems 3213 Datasheet HTML 4Page - Allegro MicroSystems 3213 Datasheet HTML 5Page - Allegro MicroSystems 3213 Datasheet HTML 6Page - Allegro MicroSystems 3213 Datasheet HTML 7Page - Allegro MicroSystems 3213 Datasheet HTML 8Page - Allegro MicroSystems 3213 Datasheet HTML 9Page - Allegro MicroSystems 3213 Datasheet HTML 10Page - Allegro MicroSystems 3213 Datasheet HTML 11Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
3213 AND 3214
MICROPOWER,
ULTRA-SENSITIVE
HALL-EFFECT SWITCHES
www.allegromicro.com
8
SENSOR LOCATIONS
Package Designator ‘LH’
Package Designator ‘UA’
OUTPUT
Dwg. EH-013-2
0.1
µF
SUPPLY
(3 V BATTERY)
10 pF
1
3
2
Dwg. MH-011-12
0.0195"
0.50 mm
NOM
BRANDED
SURFACE
ACTIVE AREA DEPTH
0.081"
2.07 mm
0.053"
1.33 mm
A
0.046"
0.85 mm
1
2
Dwg. MH-025-1
0.011"
0.28 mm
NOM
ACTIVE AREA DEPTH
0.059"
1.51 mm
A
3
Allegro
Applications. Allegro's pole-independent sensing technique
allows for operation with either a north pole or south pole
magnet orientation, enhancing the manufacturability of the
device. The state-of-the-art technology provides the same
output polarity for either pole face.
It is strongly recommended that an external bypass
capacitor be connected (in close proximity to the Hall sensor)
between the supply and ground of the device to reduce both
external noise and noise generated by the chopper-stabilization
technique. This is especially true due to the relatively high
impedance of battery supplies.
The simplest form of magnet that will operate these
devices is a bar magnet with either pole near the branded
surface of the device. Many other methods of operation are
possible. Extensive applications information on magnets and
Hall-effect sensors is also available in the Allegro Electronic
Data Book AMS-702 or Application Note 27701, or at
www.allegromicro.com
0
+B
0
Dwg. GH-043-1
-B
OUTPUT ON
5 V
MAX
BOPS
BRPS
B OPN
BRPN
MAGNETIC FLUX
OUTPUT OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com