Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3213 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 3213
Description  MICROPOWER, ULTRA-SENSITIVE HALL-EF FECT SWITCHES
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3213 Datasheet(HTML) 1 Page - Allegro MicroSystems

  3213 Datasheet HTML 1Page - Allegro MicroSystems 3213 Datasheet HTML 2Page - Allegro MicroSystems 3213 Datasheet HTML 3Page - Allegro MicroSystems 3213 Datasheet HTML 4Page - Allegro MicroSystems 3213 Datasheet HTML 5Page - Allegro MicroSystems 3213 Datasheet HTML 6Page - Allegro MicroSystems 3213 Datasheet HTML 7Page - Allegro MicroSystems 3213 Datasheet HTML 8Page - Allegro MicroSystems 3213 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
The A3213xx and A3214xx integrated circuits are ultra-sensitive, pole
independent Hall-effect switches with a latched digital output. They are
especially suited for operation in battery-operated, hand-held equipment such
as cellular and cordless telephones, pagers, and palmtop computers. A 2.4 volt
to 5.5 volt operation and a unique clocking scheme reduce the average oper-
ating power requirements – the A3213xx to 825 µW, the A3214xx to 14 µW
(typical at 2.75 V)! Except for operating duty cycle and average operating
current, the A3213xx and A3214xx are identical.
Unlike other Hall-effect switches, either a north or south pole of sufficient
strength will turn the output on; in the absence of a magnetic field, the output
is off. The polarity independence and minimal power requirement allows
these devices to easily replace reed switches for superior reliability and ease of
manufacturing, while eliminating the requirement for signal conditioning.
Improved stability is made possible through chopper stabilization (dy-
namic offset cancellation), which reduces the residual offset voltage normally
caused by device overmolding, temperature dependencies, and thermal stress.
These devices include on a single silicon chip a Hall-voltage generator,
small-signal amplifier, chopper stabilization, a latch, and a MOSFET output.
Advanced BiCMOS processing is used to take advantage of low-voltage and
low-power requirements, component matching, very low input-offset errors,
and small component geometries.
Range 'E' devices are rated for operation over a temperature range of
-40°C to +85°C; range 'L' devices are rated for operation over a temperature
range of -40°C to +150°C. Two package styles provide a magnetically opti-
mized package for most applications. ‘LH’ is a miniature low-profile surface-
mount package, ‘UA’ is a three-lead SIP for through-hole mounting. Each
package is available in a lead (Pb) free version (suffix, –T) , with a 100% matte
tin plated leadframe.
FEATURES
■ Micropower Operation
■ Operate With North or South Pole
■ 2.4 V to 5.5 V Battery Operation
■ Chopper Stabilized
Superior Temperature Stability
Extremely Low Switch-Point Drift
Insensitive to Physical Stress
■ ESD Protected to 5 kV
■ Solid-State Reliability
■ Small Size
■ Easily Manufacturable With Magnet Pole Independence
Package Designator ‘LH’ Pinning
(SOT23W)
3213 AND
3214
ABSOLUTE MAXIMUM RATINGS
at TA = +25°C
Supply Voltage, VDD .............................. 6 V
Magnetic Flux Density, B .......... Unlimited
Output Off Voltage, VOUT ...................... 6 V
Output Current, IOUT ........................... 1 mA
Junction Temperature, TJ ................ +170°C
Operating Temperature Range, TA
Suffix 'E' ...................... -40°C to +85°C
Suffix 'L' ................... -40°C to +150°C
Storage Temperature Range,
TS .............................. -65°C to +170°C
Caution: These CMOS devices have input
static protection (Class 3) but are still sus-
ceptible to damage if exposed to extremely
high static electrical charges.
Pinning is shown viewed from branded side.
MICROPOWER, ULTRA-SENSITIVE
HALL-EFFECT SWITCHES
Dwg. PH-016-1
V
DD
12
3


Similar Part No. - 3213

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3213 ETC2-3213 Datasheet
246Kb / 2P
Heyco-Tite Brass Liquid Tight Cordgrips PG Hubs
3213 ETC2-3213 Datasheet
68Kb / 1P
WASHERS
logo
Heyco.
3213 HEYCO-3213 Datasheet
220Kb / 1P
Heyco® Original Series-35 Liquid Tight Cordgrips
logo
Alpha Wire
3213 ALPHAWIRE-3213 Datasheet
407Kb / 4P
24 (19/36) AWG Tinned Copper
logo
TE Connectivity Ltd
3213 TEC-3213 Datasheet
1Mb / 16P
Passive Components
August 2007
More results

Similar Description - 3213

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3209 ALLEGRO-3209 Datasheet
224Kb / 12P
MICROPOWER, ULTRA-SENSITIVE HALL-EFFECT SWITCHES
A3212 ALLEGRO-A3212 Datasheet
384Kb / 13P
MICROPOWER, ULTRA-SENSITIVE HALL-EF FECT SWITCH
A3211 ALLEGRO-A3211 Datasheet
376Kb / 13P
Micropower, Ultra-sensitive Hall-effect Switches
May 29, 2012
A1172 ALLEGRO-A1172 Datasheet
236Kb / 9P
Micropower Ultra-Sensitive Hall-Ef fect Switch
A3213 ALLEGRO-A3213 Datasheet
326Kb / 11P
Micropower Ultra-Sensitive Hall-Effect Switches
A1172 ALLEGRO-A1172_13 Datasheet
246Kb / 11P
Micropower Ultra-Sensitive Hall-Ef fect Switch
A1172ECGLT ALLEGRO-A1172ECGLT Datasheet
246Kb / 11P
Micropower Ultra-Sensitive Hall-Ef fect Switch
A3210EUA ALLEGRO-A3210EUA Datasheet
861Kb / 10P
MICROPOWER, ULTRA-SENSITIVE HALL-EFFECT SWITCHES
A1171 ALLEGRO-A1171_16 Datasheet
260Kb / 10P
Micropower Ultrasensitive Hall Ef fect Switch
A3213 ALLEGRO-A3213_16 Datasheet
654Kb / 11P
Micropower Ultra-Sensitive Hall-Effect Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com