Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3213 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # 3213
Description  MICROPOWER, ULTRA-SENSITIVE HALL-EF FECT SWITCHES
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3213 Datasheet(HTML) 4 Page - Allegro MicroSystems

  3213 Datasheet HTML 1Page - Allegro MicroSystems 3213 Datasheet HTML 2Page - Allegro MicroSystems 3213 Datasheet HTML 3Page - Allegro MicroSystems 3213 Datasheet HTML 4Page - Allegro MicroSystems 3213 Datasheet HTML 5Page - Allegro MicroSystems 3213 Datasheet HTML 6Page - Allegro MicroSystems 3213 Datasheet HTML 7Page - Allegro MicroSystems 3213 Datasheet HTML 8Page - Allegro MicroSystems 3213 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
3213 AND 3214
MICROPOWER,
ULTRA-SENSITIVE
HALL-EFFECT SWITCHES
www.allegromicro.com
4
ELECTRICAL CHARACTERISTICS: unless otherwise noted
over operating voltage and temperature range.
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Operate Points
BOPS
South pole to branded side
–
42
70
G
BOPN
North pole to branded side
-70
-48
–
G
Release Points
BRPS
South pole to branded side
10
32
–
G
BRPN
North pole to branded side
–
-38
-10
G
Hysteresis
Bhys
|BOPx - BRPx|–
10
–
G
NOTES: 1. As used here, negative flux densities are defined as less than zero (algebraic convention) and -50 G is less than +10 G.
2. BOPx = operate point (output turns ON); BRPx = release point (output turns OFF).
3. Typical Data is at TA = +25°C and VDD = 3.0 V and is for design information only.
4. 1 gauss (G) is exactly equal to 0.1 millitesla (mT).
MAGNETIC CHARACTERISTICS: over operating voltage and temperature range.
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Supply Voltage Range
VDD
Operating1)
2.4
3.0
5.5
V
Output Leakage Current
IOFF
VOUT = 5.5 V, BRPN < B < BRPS
–
<1.0
1.0
µA
Output On Voltage
VOUT
IOUT = 1 mA, VDD = 3.0 V
–
100
300
mV
Awake Time
tawake
–60
90
µs
Period
tperiod
A3213xx
–
240
360
µs
A3214xx
–
60
90
ms
Duty Cycle
d.c.
A3213xx
–
25
–
%
A3214xx
–
0.10
–
%
Chopping Frequency
fC
–
340
–
kHz
Supply Current
IDD(EN)
Chip awake (enabled)
–
–
2.0
mA
IDD(DIS)
Chip asleep (disabled)
–
–
8.0
µA
IDD(AVG)
A3213xx
–
460
850
µA
A3214xx
–
11
22
µA
ESD, Human Body Model
–
Per CDF-AEC-Q100-002
5.0
–
–
kV
ESD, Machine Model
–
Per JESD22-A115
350
–
–
V
NOTES: 1. Operate and release points will vary with supply voltage.
2. BOPx = operate point (output turns ON); BRPx = release point (output turns OFF).
3. Typical Data is at TA = +25°C and VDD = 3.0 V and is for design information only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com