Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5228BUJZ50-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # AD5228BUJZ50-R2
Description  32-Position Manual Up/Down Control Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5228BUJZ50-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5228BUJZ50-R2 Datasheet HTML 4Page - Analog Devices AD5228BUJZ50-R2 Datasheet HTML 5Page - Analog Devices AD5228BUJZ50-R2 Datasheet HTML 6Page - Analog Devices AD5228BUJZ50-R2 Datasheet HTML 7Page - Analog Devices AD5228BUJZ50-R2 Datasheet HTML 8Page - Analog Devices AD5228BUJZ50-R2 Datasheet HTML 9Page - Analog Devices AD5228BUJZ50-R2 Datasheet HTML 10Page - Analog Devices AD5228BUJZ50-R2 Datasheet HTML 11Page - Analog Devices AD5228BUJZ50-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD5228
Rev. 0 | Page 8 of 20
0.10
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
032
28
24
20
16
12
8
4
CODE (Decimal)
TA = 25°C
5.5V
2.7V
Figure 13. DNL vs. Code vs. Supply Voltages
0.10
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
032
28
24
20
16
12
8
4
CODE (Decimal)
VDD = 5.5V
–40
°C
+25
°C
+85
°C
+105
°C
Figure 14. DNL vs. Code, VDD = 5 V
–0.50
–0.90
–0.85
–0.80
–0.75
–0.70
–0.65
–0.60
–0.55
–40
–20
0
20
40
60
100
80
TEMPERATURE (
°C)
VDD = 5.5V
VDD = 2.7V
Figure 15. Full-Scale Error vs. Temperature
0.40
0.45
0.50
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
–40
–20
0
20
40
60
100
80
TEMPERATURE (
°C)
VDD = 5.5V
VDD = 2.7V
Figure 16. Zero-Scale Error vs. Temperature
1
0.1
–40
–20
0
20
40
60
100
80
TEMPERATURE (
°C)
VDD = 5.5V
IDD_ACT = 50µA TYP
Figure 17. Supply Current vs. Temperature
120
0
20
40
60
80
100
–40
–20
0
20
40
60
100
80
TEMPERATURE (
°C)
VDD = 5.5V
RAB = 100kΩ
RAB = 50kΩ
RAB = 10kΩ
Figure 18. Nominal Resistance vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com