Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5228BUJZ50-R2 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5228BUJZ50-R2
Description  32-Position Manual Up/Down Control Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5228BUJZ50-R2 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5228BUJZ50-R2 Datasheet HTML 8Page - Analog Devices AD5228BUJZ50-R2 Datasheet HTML 9Page - Analog Devices AD5228BUJZ50-R2 Datasheet HTML 10Page - Analog Devices AD5228BUJZ50-R2 Datasheet HTML 11Page - Analog Devices AD5228BUJZ50-R2 Datasheet HTML 12Page - Analog Devices AD5228BUJZ50-R2 Datasheet HTML 13Page - Analog Devices AD5228BUJZ50-R2 Datasheet HTML 14Page - Analog Devices AD5228BUJZ50-R2 Datasheet HTML 15Page - Analog Devices AD5228BUJZ50-R2 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD5228
Rev. 0 | Page 12 of 20
If the PU button is held for longer than 1 second, continuously
holding it activates autoscan mode such that the AD5228
increments by four RWB steps per second (see Figure 3).
Whenever the maximum RWB (= RAB) is reached, RWB stops
incrementing regardless of the state of the PU pin. Any continu-
ous holding of the PU pin to logic-low simply elevates the supply
current.
When both PU and PD buttons are pressed, RWB decrements
until it stops at zero scale.
All the preceding descriptions apply to PD operation. Due to
the tolerance of the internal RC oscillator, all the timing
information given previously is based on the typical values,
which can vary ±30%.
The AD5228 debouncer is carefully designed to handle common
pushbutton tactile switches. Other switches that have excessive
bounces and duration are not suitable to use in conjunction
with the AD5228.
B
W
A
D0
D2
D1
D4
D3
RS
RS = RAB/32
RW
RS
RS
RS
RDAC
UP/DOWN
CTRL AND
DECODE
Figure 34. AD5228 Equivalent RDAC Circuit
PROGRAMMING THE DIGITAL POTENTIOMETERS
Rheostat Operation
If only the W-to-B or W-to-A terminals are used as variable
resistors, the unused terminal can be opened or shorted with W.
Such operation is called rheostat mode and is shown in Figure 35.
A
W
B
A
W
B
A
W
B
Figure 35. Rheostat Mode Configuration
The end-to-end resistance, RAB, has 32 contact points accessed
by the wiper terminal, plus the B terminal contact if RWB is used.
Pushing the PU pin discretely increments RWB by one step. The
total resistance becomes RS + RW as shown in Figure 34. The
change of RWB can be determined by the number of discrete PU
executions provided that its maximum setting is not reached
during operation. ∆RWB can, therefore, be approximated as
⎟
⎠
⎞
⎜
⎝
⎛
+
+
=
∆
W
AB
WB
R
R
PU
R
32
(1)
⎟
⎠
⎞
⎜
⎝
⎛
+
−
=
∆
W
AB
WB
R
R
PD
R
32
(2)
where:
PU is the number of push-up executions.
PD is the number of push-down executions.
RAB is the end-to-end resistance.
RW is the wiper resistance contributed by the on-resistance of
the internal switch.
Similar to the mechanical potentiometer, the resistance of the
RDAC between the Wiper W and Terminal A also produces a
complementary resistance, RWA. When these terminals are used,
the B terminal can be opened or shorted to W. RWA can also be
approximated if its maximum and minimum settings are not
reached.
(
)
⎟
⎠
⎞
⎜
⎝
⎛
+
−
−
=
∆
W
AB
WA
R
R
PU
R
32
32
3)
(
)
⎟
⎠
⎞
⎜
⎝
⎛
+
−
+
=
∆
W
AB
WA
R
R
PD
R
32
32
(4)
Note that Equations 1 to 4 do not apply when PU and PD = 0
execution.
Because in the lowest end of the resistor string, a finite wiper
resistance is present, care should be taken to limit the current
flow between W and B in this state to a maximum pulse current
of no more than 20 mA. Otherwise, degradation or possible
destruction of the internal switches can occur.
The typical distribution of the resistance tolerance from device
to device is process lot dependent, and ±20% tolerance is possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com