Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5228BUJZ50-R2 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5228BUJZ50-R2
Description  32-Position Manual Up/Down Control Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5228BUJZ50-R2 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5228BUJZ50-R2 Datasheet HTML 5Page - Analog Devices AD5228BUJZ50-R2 Datasheet HTML 6Page - Analog Devices AD5228BUJZ50-R2 Datasheet HTML 7Page - Analog Devices AD5228BUJZ50-R2 Datasheet HTML 8Page - Analog Devices AD5228BUJZ50-R2 Datasheet HTML 9Page - Analog Devices AD5228BUJZ50-R2 Datasheet HTML 10Page - Analog Devices AD5228BUJZ50-R2 Datasheet HTML 11Page - Analog Devices AD5228BUJZ50-R2 Datasheet HTML 12Page - Analog Devices AD5228BUJZ50-R2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD5228
Rev. 0 | Page 9 of 20
120
0
20
40
60
80
100
–40
–20
0
20
40
60
100
80
TEMPERATURE (
°C)
VDD = 2.7V
VDD = 5.5V
Figure 19. Wiper Resistance vs. Temperature
150
–30
0
30
60
90
120
0
4
8
121620
2428
32
CODE (Decimal)
10k
Ω
50k
Ω
100k
Ω
VDD = 5.5V
A = OPEN
Figure 20. Rheostat Mode Tempco ∆RWB/∆T vs. Code
20
–20
–15
–10
–5
0
5
10
15
0
4
8
12
16
20
24
28
32
CODE (Decimal)
10k
Ω
50k
Ω
100k
Ω
VDD = VA = 5.5V
VB = 0V
Figure 21. Potentiometer Mode Tempco ∆VWB/∆T vs. Code
6
–54
–48
–42
–36
–30
–24
–18
–12
–6
0
1k
10k
1M
START 1 000.000Hz
STOP 1 000 000.000Hz
REF LEVEL
0dB
/DIV
6.0dB
MARKER
MAG (A/R)
469 390.941Hz
–8.966dB
100k
TA = 25°C
VDD = 5.5V
VA = 50mV rms
16 STEPS
8 STEPS
4 STEPS
2 STEPS
1 STEP
Figure 22. Gain vs. Frequency vs. Code, RAB = 10 kΩ
6
–54
–48
–42
–36
–30
–24
–18
–12
–6
0
1k
10k
1M
START 1 000.000Hz
STOP 1 000 000.000Hz
REF LEVEL
0dB
/DIV
6.0dB
MARKER
MAG (A/R)
97 525.233Hz
–9.089dB
100k
TA = 25°C
VDD = 5.5V
VA = 50mV rms
16 STEPS
8 STEPS
4 STEPS
2 STEPS
1 STEP
Figure 23. Gain vs. Frequency vs. Code, RAB = 50 kΩ
6
–54
–48
–42
–36
–30
–24
–18
–12
–6
0
1k
10k
1M
START 1 000.000Hz
STOP 1 000 000.000Hz
REF LEVEL
0dB
/DIV
6.0dB
MARKER
MAG (A/R)
51 404.427Hz
–9.123dB
100k
TA = 25°C
VDD = 5.5V
VA = 50mV rms
16 STEPS
8 STEPS
4 STEPS
2 STEPS
1 STEP
Figure 24. Gain vs. Frequency vs. Code, RAB = 100 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com