Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5521 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL5521
Description  Dual-Channel, 3.3V/500mA and 2.5V/300mA Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5521 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL5521 Datasheet HTML 1Page - Anpec Electronics Coropration APL5521 Datasheet HTML 2Page - Anpec Electronics Coropration APL5521 Datasheet HTML 3Page - Anpec Electronics Coropration APL5521 Datasheet HTML 4Page - Anpec Electronics Coropration APL5521 Datasheet HTML 5Page - Anpec Electronics Coropration APL5521 Datasheet HTML 6Page - Anpec Electronics Coropration APL5521 Datasheet HTML 7Page - Anpec Electronics Coropration APL5521 Datasheet HTML 8Page - Anpec Electronics Coropration APL5521 Datasheet HTML 9Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.5 - Oct., 2003
APL5521
www.anpec.com.tw
2
Pin Description
PIN
No.
Name
I/O
Description
1VOUT1
OVOUT1 output Voltage 3.3V. sources up to 500 mA.
2VIN
I
Supply Voltage. Voltage can range from 4.75V to 8V
3VIN
I
Supply Voltage. Voltage can range from 4.75V to 8V
4VOUT2
OVOUT2 output Voltage 2.5V. sources up to 300 mA.
5GND
6GND
7GND
8GND
Ground also functions as a heatsink. Solder to the ground plane to
maximize thermal dissipation
Symbol
Parameter
Rating
Unit
VIN, VOUT
Input Voltage or Out Voltage
9
V
RTH,JA
Thermal Resistance – Junction to Ambient
80
°C/W
PD
Power Dissipation
Internally Limited
W
TJ
Operating Junction Temperature
°C
Control Section
0 to 125
Power Transistor
0 to 150
TSTG
Storage Temperature Range
-65 to +150
°C
TL
Lead Temperature (Soldering, 10 second)
260
°C
Absolute Maximum Ratings
Electrical Characteristics
Unless otherwise noted these specifications apply over full temperature, T
J=0 to 125°C. Typical values refer to
TJ=25
°C.
APL5521
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V
IN
Input Voltage
4.75
8
V
I
Q
Quiescent Current
IOUT1=0mA, IOUT2=0mA
10
16
mA
OTS
Over Temperature
Shutdown
150
°C
Over Temperature
Shutdown Hysteresis
Hysteresis
10
°C
TC
Output Voltage
Temperature
Coefficient
50
ppm/
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com