Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5521 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL5521
Description  Dual-Channel, 3.3V/500mA and 2.5V/300mA Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5521 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL5521 Datasheet HTML 1Page - Anpec Electronics Coropration APL5521 Datasheet HTML 2Page - Anpec Electronics Coropration APL5521 Datasheet HTML 3Page - Anpec Electronics Coropration APL5521 Datasheet HTML 4Page - Anpec Electronics Coropration APL5521 Datasheet HTML 5Page - Anpec Electronics Coropration APL5521 Datasheet HTML 6Page - Anpec Electronics Coropration APL5521 Datasheet HTML 7Page - Anpec Electronics Coropration APL5521 Datasheet HTML 8Page - Anpec Electronics Coropration APL5521 Datasheet HTML 9Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.5 - Oct., 2003
APL5521
www.anpec.com.tw
4
0
0.5
1
1.5
2
2.5
3
3.5
01
23
4
5
67
89
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3
-50
-25
0
25
50
75
100
125
3
3.1
3.2
3.3
3.4
-50
-25
0
25
50
75
100
125
-50
-25
0
25
50
75
100 125 150
1
1.05
1.1
1.15
1.2
1.25
1.3
1.35
1.4
1.45
1.5
Typical Characteristics
Output Voltage vs. Input Voltage
Input Voltage (V)
Output 1 Voltage vs. Temperature
Temperature (°C)
Output2 Voltage vs. Temperature
Temperature (°C)
Dropout Voltage vs. Temperature
Temperature (
°C)
I
OUT=500mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com