Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5521 Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APL5521
Description  Dual-Channel, 3.3V/500mA and 2.5V/300mA Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5521 Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APL5521 Datasheet HTML 1Page - Anpec Electronics Coropration APL5521 Datasheet HTML 2Page - Anpec Electronics Coropration APL5521 Datasheet HTML 3Page - Anpec Electronics Coropration APL5521 Datasheet HTML 4Page - Anpec Electronics Coropration APL5521 Datasheet HTML 5Page - Anpec Electronics Coropration APL5521 Datasheet HTML 6Page - Anpec Electronics Coropration APL5521 Datasheet HTML 7Page - Anpec Electronics Coropration APL5521 Datasheet HTML 8Page - Anpec Electronics Coropration APL5521 Datasheet HTML 9Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.5 - Oct., 2003
APL5521
www.anpec.com.tw
5
0.6
0.8
1
1.2
1.4
1.6
0
100
200
300
400
500
0
2
4
6
8
10
12
14
0
100
200
300
400
500
-30
-25
-20
-15
-10
-5
0
5
10
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
-20
-10
0
10
20
30
40
50
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
2
0
1
2
3
4
5
6
7
Typical Characteristics (Cont.)
Line Transient
Time (ms)
Load Transient
Time (ms)
Load Regulation vs. Output Current
Output Current (mA)
Dropout Voltage vs. IOUT
IOUT (mA)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com