Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADT75EBZ Datasheet(PDF) 3 Page - Analog Devices

Part # EVAL-ADT75EBZ
Description  12-Bit Digital Temperature Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADT75EBZ Datasheet(HTML) 3 Page - Analog Devices

  EVAL-ADT75EBZ Datasheet HTML 1Page - Analog Devices EVAL-ADT75EBZ Datasheet HTML 2Page - Analog Devices EVAL-ADT75EBZ Datasheet HTML 3Page - Analog Devices EVAL-ADT75EBZ Datasheet HTML 4Page - Analog Devices EVAL-ADT75EBZ Datasheet HTML 5Page - Analog Devices EVAL-ADT75EBZ Datasheet HTML 6Page - Analog Devices EVAL-ADT75EBZ Datasheet HTML 7Page - Analog Devices EVAL-ADT75EBZ Datasheet HTML 8Page - Analog Devices EVAL-ADT75EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
ADT75
Data Sheet
Rev. B | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Product Highlights ........................................................................... 1
Functional Block Diagram .............................................................. 1
Revision History ............................................................................... 2
General Description ......................................................................... 3
Specifications..................................................................................... 4
A Grade.......................................................................................... 4
B Grade .......................................................................................... 5
Timing Specifications and Diagram .......................................... 6
Absolute Maximum Ratings............................................................ 7
ESD Caution.................................................................................. 7
Pin Configuration and Function Descriptions............................. 8
Typical Performance Characteristics ............................................. 9
Theory of Operation ...................................................................... 10
Circuit Information.................................................................... 10
Converter Details........................................................................ 10
Functional Description.............................................................. 10
Temperature Data Format......................................................... 11
One-Shot Mode .......................................................................... 12
Fault Queue................................................................................. 12
Registers....................................................................................... 13
Serial Interface ............................................................................ 16
Writing Data ............................................................................... 17
Reading Data............................................................................... 18
OS/Alert Output OverTemperature Modes............................ 19
SMBus Alert................................................................................ 20
Applications Information .............................................................. 21
Thermal Response Time ........................................................... 21
Self-Heating Effects.................................................................... 21
Supply Decoupling ..................................................................... 21
Temperature Monitoring........................................................... 22
Outline Dimensions....................................................................... 23
Ordering Guide .......................................................................... 24
REVISION HISTORY
8/12—Rev. A to Rev. B
Changed 3 V to 2.7 V, Features Section and 3 V to 2.7 V,
Product Highlights Section ............................................................. 1
Changed 3 V to 2.7 V, General Description Section.................... 3
Changed 3 V to 2.7 V, A Grade Section and 3 V to 2.7 V, Table 1.... 4
Changed 3 V to 2.7 V, B Grade Section and 3 V to 2.7 V, Table 2 .... 5
Changed 3 V to 2.7 V, Table 5.................................................................... 8
Changes to Figure 7 and Figure 8................................................... 9
9/10—Rev. 0 to Rev. A
Changes to Figure 1...........................................................................1
Updated Outline Dimensions....................................................... 23
Changes to Ordering Guide.......................................................... 23
10/05—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com