Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADT75EBZ Datasheet(PDF) 8 Page - Analog Devices

Part # EVAL-ADT75EBZ
Description  12-Bit Digital Temperature Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADT75EBZ Datasheet(HTML) 8 Page - Analog Devices

Back Button EVAL-ADT75EBZ Datasheet HTML 4Page - Analog Devices EVAL-ADT75EBZ Datasheet HTML 5Page - Analog Devices EVAL-ADT75EBZ Datasheet HTML 6Page - Analog Devices EVAL-ADT75EBZ Datasheet HTML 7Page - Analog Devices EVAL-ADT75EBZ Datasheet HTML 8Page - Analog Devices EVAL-ADT75EBZ Datasheet HTML 9Page - Analog Devices EVAL-ADT75EBZ Datasheet HTML 10Page - Analog Devices EVAL-ADT75EBZ Datasheet HTML 11Page - Analog Devices EVAL-ADT75EBZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Data Sheet
ADT75
Rev. B | Page 7 of 24
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
V
DD to GND
–0.3 V to +7 V
SDA Input Voltage to GND
–0.3 V to V
DD + 0.3 V
SDA Output Voltage to GND
–0.3 V to V
DD + 0.3 V
SCL Input Voltage to GND
–0.3 V to V
DD + 0.3 V
OS/ALERT Output Voltage to GND
–0.3 V to V
DD + 0.3 V
Operating Temperature Range
–55°C to +150°C
Storage Temperature Range
–65°C to +160°C
Maximum Junction Temperature, T
JMAX
150.7°C
8-Lead MSOP (RM-8)
Power Dissipation1, 2
W
MAX = (TJMAX − TA)/θJA
Thermal Impedance3
θ
JA, Junction-to-Ambient (Still Air)
205.9°C/W
θ
JC, Junction-to-Case
43.74°C/W
8-Lead SOIC (R-8)
Power Dissipation1, 2
W
MAX = (TJMAX − TA)/θJA
Thermal Impedance3
θ
JA, Junction-to-Ambient (Still Air)
157°C/W
θ
JC, Junction-to-Case
56°C/W
IR Reflow Soldering
Peak Temperature
220°C (0°C/5°C)
Time at Peak Temperature
10 sec to 20 sec
Ramp-Up Rate
3°C/sec maximum
Ramp-Down Rate
–6°C/sec maximum
Time 25°C to Peak Temperature
6 minutes maximum
IR Reflow Soldering (Pb-Free Package)
Peak Temperature
260°C (+0°C)
Time at Peak Temperature
20 sec to 40 sec
Ramp-Up Rate
3°C/sec maximum
Ramp-Down Rate
–6°C/sec maximum
Time 25°C to Peak Temperature
8 minutes maximum
1 Values relate to package being used on a standard 2-layer PCB. This gives a
worst case θJAand θJC. Refer to Figure 3 for a plot of maximum power
dissipation vs. ambient temperature (TA).
2 T
A = ambient temperature.
3 Junction-to-case resistance is applicable to components featuring a
preferential flow direction, for example, components mounted on a heat
sink. Junction-to-ambient resistance is more useful for air-cooled, PCB-
mounted components.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
TEMPERATURE (
°C)
1.2
0.8
1.0
0.6
0.2
0.4
0
MAX PD = 3.4mW AT 150
°C
Figure 3. MSOP Maximum Power Dissipation vs. Ambient Temperature
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com