Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADT75EBZ Datasheet(PDF) 5 Page - Analog Devices

Part # EVAL-ADT75EBZ
Description  12-Bit Digital Temperature Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADT75EBZ Datasheet(HTML) 5 Page - Analog Devices

  EVAL-ADT75EBZ Datasheet HTML 1Page - Analog Devices EVAL-ADT75EBZ Datasheet HTML 2Page - Analog Devices EVAL-ADT75EBZ Datasheet HTML 3Page - Analog Devices EVAL-ADT75EBZ Datasheet HTML 4Page - Analog Devices EVAL-ADT75EBZ Datasheet HTML 5Page - Analog Devices EVAL-ADT75EBZ Datasheet HTML 6Page - Analog Devices EVAL-ADT75EBZ Datasheet HTML 7Page - Analog Devices EVAL-ADT75EBZ Datasheet HTML 8Page - Analog Devices EVAL-ADT75EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
ADT75
Data Sheet
Rev. B | Page 4 of 24
SPECIFICATIONS
A GRADE
TA = TMIN to TMAX, VDD = 2.7 V to 5.5 V. All specifications for −55°C to +125°C, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
TEMPERATURE SENSOR AND ADC
Accuracy at V
DD = 2.7 V to 5.5 V
±2
°C
T
A = −25°C to +100°C
±3
°C
T
A = −55°C to +100°C
Accuracy at V
DD = 2.7 V to 3.6 V
±3
°C
T
A = 100°C to 125°C
Accuracy at V
DD = 4.5 V to 5.5 V
±2
°C
T
A = 100°C to 125°C
ADC Resolution
12
Bits
Temperature Resolution
0.0625
°C
Temperature Conversion Time
60
ms
Update Rate
100
ms
Conversion started every 100 ms
Long Term Drift
0.08
°C
Drift over 10 years, if part is operated at 55°C
Temperature Hysteresis
0.03
°C
Temperature cycle = 25°C to 125°C to 25°C
OS/ALERT OUTPUT (OPEN DRAIN)
Output Low Voltage, V
OL
0.4
V
I
OL = 3 mA
Pin Capacitance
10
pF
High Output Leakage Current, I
OH
0.1
5
µA
OS/ALERT pin pulled up to 5.5 V
R
ON Resistance (Low Output)
15
Ω
Supply and temperature dependent
DIGITAL INPUTS
Input Current
±1
µA
V
IN = 0 V to VDD
Input Low Voltage, V
IL
0.3 × V
DD
V
Input High Voltage, V
IH
0.7 × V
DD
V
SCL, SDA Glitch Rejection
50
ns
Input filtering suppresses noise spikes of less than 50 ns
Pin Capacitance
3
10
pF
DIGITAL OUTPUT (OPEN DRAIN)
Output High Current, I
OH
1
mA
V
OH = 5 V
Output Low Voltage, V
OL
0.4
V
I
OL = 3 mA
Output High Voltage, V
OH
0.7 × V
DD
V
Output Capacitance, C
OUT
3
10
pF
POWER REQUIREMENTS
Supply Voltage
2.7
5.5
V
Supply Current at 3.3 V
350
500
µA
Peak current while converting and I2C interface inactive
Supply Current at 5.0 V
380
525
µA
Peak current while converting and I2C interface inactive
Average Current at 3.3 V
200
µA
Part converting and I2C interface inactive
Average Current at 5.0 V
225
µA
Part converting and I2C interface inactive
Shutdown Mode at 3.3 V
3
8
µA
Supply current in shutdown mode
Shutdown Mode at 5.0 V
5.5
12
µA
Supply current in shutdown mode
Average Power Dissipation
798.6
µW
V
DD = 3.3 V, normal mode at 25°C
1 SPS
78.6
µW
Average power dissipated for V
DD = 3.3 V,
shutdown mode at 25°C
140
µW
Average power dissipated for V
DD = 5.0 V,
shutdown mode at 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com