Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL646 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # GL646
Description  Three-in-one Scanner Controller for USB and 1394
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL646 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button GL646 Datasheet HTML 24Page - List of Unclassifed Manufacturers GL646 Datasheet HTML 25Page - List of Unclassifed Manufacturers GL646 Datasheet HTML 26Page - List of Unclassifed Manufacturers GL646 Datasheet HTML 27Page - List of Unclassifed Manufacturers GL646 Datasheet HTML 28Page - List of Unclassifed Manufacturers GL646 Datasheet HTML 29Page - List of Unclassifed Manufacturers GL646 Datasheet HTML 30Page - List of Unclassifed Manufacturers GL646 Datasheet HTML 31Page - List of Unclassifed Manufacturers GL646 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
Revision 1.3
Mar.22 2001
-27-
GL646USB
Command : motor moving.
Start motor farward/backward moving.
7.12. Reg : 10,11H
(Write)
Default : 00H,00H
EXPR[15:0]: Red-LED array of CIS or Red channel TG of CCD exposure time setting.
7.13. Reg : 12H,13H
(Write)
Default : 00H,00H
EXPG[15:0]: Green-LED array of CIS or Green channel TG of CCD exposure time setting.
7.14. Reg : 14H,15H
(Write)
Default : 00H,00H
EXPB[15:0]: Blue-LED array of CIS or Blue channel TG of CCD exposure time.
7.15. Reg : 16H
(Write)
Defalut : 32H
B7:CTRLHI
: set: CCD CP & RS are high under TG high position.
: reset: CCD CP & RS are low under TG high position.
B6:SELINV
: set: inverse CCD RGBSEL selection pins.
: reset: don’t inverse.
B5:TGINV
: set: inverse CCD TG.
: reset: don’t inverse.
B4:CK1INV
: set: inverse CCD Clock 1.
: reset: don’t inverse.
B3:CK2INV
: set: inverse CCD Clock 2.
: reset: don’t inverse.
B2:CTRLINV : set: inverse CCD CP & RS.
: reset: don’t inverse.
B1:CKDIS
: set: disable CCD TG position Clock 1/2 signals.
CCD TG
CCD Clock
: reset: enable CCD TG position Clock 1/2 signals.
CCD TG
CCD Clock
B0:CTRLDIS : set: disable CCD TG position CP & RS signals.
CCD TG
CCD CP/RS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com