Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL646 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # GL646
Description  Three-in-one Scanner Controller for USB and 1394
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL646 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button GL646 Datasheet HTML 7Page - List of Unclassifed Manufacturers GL646 Datasheet HTML 8Page - List of Unclassifed Manufacturers GL646 Datasheet HTML 9Page - List of Unclassifed Manufacturers GL646 Datasheet HTML 10Page - List of Unclassifed Manufacturers GL646 Datasheet HTML 11Page - List of Unclassifed Manufacturers GL646 Datasheet HTML 12Page - List of Unclassifed Manufacturers GL646 Datasheet HTML 13Page - List of Unclassifed Manufacturers GL646 Datasheet HTML 14Page - List of Unclassifed Manufacturers GL646 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
Revision 1.3
Mar.22 2001
-10-
GL646USB
This signal is applied synchronously with MCLK to specify the point of time that
the input is sampled.
Analog Device type : CDS image sampling clock
BSMP(CDSCLK1)
O
Analog Device type : Black level sampling clock
SCLK
O
Serial interface clock output for Front-end
SENLOAD
O
Serial interface data latch-in signal for Front-end
MCLK(ADCCLK)
O
Wolfson type : Master clock.
This clock is applied at either six or three times the input pixel rate depending on
the operational mode.
Analog Device type: ADC Converter sampling clock
SDI
O
Serial interface data output signal for Front-end
SDO
I
Serial interface data input signal for Front-end
DRAM
DBUS0~15
B
DRAM data bus
ABUS0~8
O
DRAM address bus
RASX
O
DRAM RAS signal of first memory chip
CASX
O
DRAM CAS signal of first memory chip
NOEX
O
DRAM OE(output enable) signal of first memory chip
NWEX
O
DRAM WE signal of first memory chip
RASY
O
DRAM RAS signal of second memory chip
CASY
O
DRAM CAS signal of second memory chip
NOEY
O
DRAM OE(output enable) signal of second memory chip
NWEY
O
DRAM WE signal of second memory chip
Miscellaneous
TSTMOD
TSTSEL0
TSTSEL1
MPU_SEL
I
Test mode selection pins :
{TSTMOD,TSTSEL0,TSTSEL1,MPU_SEL}=
0000 : mode1
0100 : mode2
0011 : mode3
0010 : mode4
0110 : mode5
100x : mode6
110x : mode7
101x : mode8
1110 : mode9
MTR_SEL
I
MTR_SEL=1 select Bi_polar
MTR_SEL=0 select Uni_polar
IX1
I
Clock input for crystal
IOX2
O
Clock output for crystal
CKSEL
MPUCLOE
I
Scanner controller clock selection
MPUCLK
O
Clock output
EXTRST_
I
Hardware reset input
POWER
AVDD
P
Analog power input
AVSS
P
Analog ground input
AGND
P
Analog ground input for USB1.1
DVDD
P
Digital power input
DGND
P
Digital ground input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com