Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL646 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # GL646
Description  Three-in-one Scanner Controller for USB and 1394
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL646 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button GL646 Datasheet HTML 35Page - List of Unclassifed Manufacturers GL646 Datasheet HTML 36Page - List of Unclassifed Manufacturers GL646 Datasheet HTML 37Page - List of Unclassifed Manufacturers GL646 Datasheet HTML 38Page - List of Unclassifed Manufacturers GL646 Datasheet HTML 39Page - List of Unclassifed Manufacturers GL646 Datasheet HTML 40Page - List of Unclassifed Manufacturers GL646 Datasheet HTML 41Page - List of Unclassifed Manufacturers GL646 Datasheet HTML 42Page - List of Unclassifed Manufacturers GL646 Datasheet HTML 43Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
Revision 1.3
Mar.22 2001
-38-
GL646USB
111:128 steps deceleration
B4~0:STOPTIM[4:0]:select acceleration/deceleration stop time.
The unit is LPERIOD.
7.69. Reg :70H
(Write)
GPI[12:7]
: GPIO12~7 input ports.
7.70. Reg :71H
(Write)
GPI[6:1]
:GPIO6~1 input status.
7.71. Shading mapping(Chunky)
Attribute
Resolution
A[18:0]
600dpi
(RGB Chunky)
00000H~07FFFH
SIZE : 32k
1200dpi
(RGB Chunky)
00000H~0FFFFH
SIZE : 64k
Shading Mapping
2400dpi
(RGB Chunky)
00000H~1F7FFH
SIZE : 126k
7.72. Shading mapping(Planer)
7.73. Gamma mapping
Attribute
Color
A[18:0]
RED
09000H~09FFFH
SIZE : 4K
Attribute
Resolution
A[18:0]
R
LINE
00000H~029FFH
G
LINE
02A00H~053FFH
600dpi
(RGB Planer)
B
LINE
05400H~07DFFH
R
LINE
00000H~054FFH
G
LINE
05500H~0A9FFH
1200dpi
(RGB Planer)
B
LINE
0AA00H~0FEFFH
R
LINE
00000H~0A7FFH
G
LINE
0A800H~14FFFH
Shading Mapping
2400dpi
(RGB Planer)
B
LINE
15000H~1F7FFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com