Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2236DAPG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS2236DAPG4
Description  ExpressCard POWER INTERFACE SWITCH
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2236DAPG4 Datasheet(HTML) 5 Page - Texas Instruments

  TPS2236DAPG4 Datasheet HTML 1Page - Texas Instruments TPS2236DAPG4 Datasheet HTML 2Page - Texas Instruments TPS2236DAPG4 Datasheet HTML 3Page - Texas Instruments TPS2236DAPG4 Datasheet HTML 4Page - Texas Instruments TPS2236DAPG4 Datasheet HTML 5Page - Texas Instruments TPS2236DAPG4 Datasheet HTML 6Page - Texas Instruments TPS2236DAPG4 Datasheet HTML 7Page - Texas Instruments TPS2236DAPG4 Datasheet HTML 8Page - Texas Instruments TPS2236DAPG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
www.ti.com
SWITCHING CHARACTERISTICS
TPS2231
TPS2236
SLVS536B – JULY 2004 – REVISED JANUARY 2005
ELECTRICAL CHARACTERISTICS (continued)
T
J = 25°C, VI(3.3VIN) = VI(AUXIN) = 3.3 V, VI(1.5VIN) = 1.5 V, VI(/SHDNx), VI(/STBYx) = 3.3 V, VI(/CPPEx) = VI(/CPUSBx) = 0 V,
V
I(/SYSRST) = 3.3 V, OCx and RCLKENx and PERSTx are open, all voltage outputs unloaded (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
3.3VOUT, AUXOUT, or 1.5VOUT
tW(PERST)
PERST minimum pulse width
falling out of tolerance or triggered by
100
250
µs
SYSRST
PERST output low voltage
0.4
V
IO(PERST) = 500 µA
PERST output high voltage
2.4
V
OC output low voltage
IO(/OC) = 2 mA
0.4
V
OC leakage current
VO(/OC) = 3.6 V
1
µA
Falling into or out of an overcurrent
OC deglitch
6
20
mS
condition
UNDERVOLTAGE LOCKOUT (UVLO)
3.3VIN level, below which 3.3VIN
3.3VIN UVLO
2.6
2.9
and 1.5VIN switches are off
1.5VIN level, below which 3.3VIN
1.5VIN UVLO
1
1.25
V
and 1.5VIN switches are off
AUXIN level, below which all
AUXIN UVLO
2.6
2.9
switches are off
UVLO hysteresis
100
mV
T
J = 25°C, VI(3.3VIN) = VI(AUXIN) = 3.3 V, VI(1.5VIN) = 1.5 V, VI(/SHDNx), VI(/STBYx) = 3.3 V, VI(/CPPEx) = VI(/CPUSBx) = 0 V,
V
I(/SYSRST) = 3.3 V, OCx and RCLKENx and PERSTx are open, all voltage outputs unloaded (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
3.3VIN to 3.3VOUT
CL(3.3VOUT) = 0.1 µF, IO(3.3VOUT) = 0 A
0.1
3
AUXIN to AUXOUT
CL(AUXOUT) = 0.1 µF, IO(AUXOUT) = 0 A
0.1
3
1.5VIN to 1.5VOUT
CL(1.5VOUT) = 0.1 µF, IO(1.5VOUT) = 0 A
0.1
3
tr
Output rise times
ms
3.3VIN to 3.3VOUT
CL(3.3VOUT) = 100 µF, RL = VI(3.3VIN)/1 A
0.1
6
AUXIN to AUXOUT
CL(AUXOUT) = 100 µF, RL = VI(AUXIN)/0.250 A
0.1
6
1.5VIN to 1.5VOUT
CL(1.5VOUT) = 100 µF, RL = VI(1.5VIN)/0.500 A
0.1
6
3.3VIN to 3.3VOUT
CL(3.3VOUT) = 0.1 µF, IO(3.3VOUT) = 0 A
10
150
AUXIN to VAUXOUT
CL(AUXOUT) = 0.1 µF, IO(AUXOUT) = 0 A
10
150
µs
Output fall times
1.5VIN to 1.5VOUT
CL(1.5VOUT) = 0.1 µF, IO(1.5VOUT) = 0 A
10
150
when card removed
tf
(both CPUSB and
3.3VIN to 3.3VOUT
CL(3.3VOUT) = 20 µF, IO(3.3VOUT) = 0 A
2
30
CPPE de-asserted)
AUXIN to VAUXOUT
CL(AUXOUT) = 20 µF, IO(AUXOUT) = 0 A
2
30
ms
1.5VIN to 1.5VOUT
CL(1.5VOUT) = 20 µF, IO(1.5VOUT) = 0 A
2
30
3.3VIN to 3.3VOUT
CL(3.3VOUT) = 0.1 µF, IO(3.3VOUT) = 0 A
10
150
AUXIN to VAUXOUT
CL(AUXOUT) = 0.1 µF, IO(AUXOUT) = 0 A
10
150
µs
Output fall times
1.5VIN to 1.5VOUT
CL(1.5VOUT) = 0.1 µF, IO(1.5VOUT) = 0 A
10
150
when SHDN
tf
asserted (card is
3.3VIN to 3.3VOUT
CL(3.3VOUT) = 100 µF, RL = VI(3.3VIN)/1 A
0.1
5
present)
AUXIN to VAUXOUT
CL(AUXOUT) = 100 µF RL = VI(AUXIN)/0.250 A
0.1
5
ms
1.5VIN to 1.5VOUT
CL(1.5VOUT) = 100 µF, RL = VI(1.5VIN)/0.500 A
0.1
5
3.3VIN to 3.3VOUT
CL(3.3VOUT) = 0.1 µF, IO(3.3VOUT) = 0 A
0.1
1
AUXIN to VAUXOUT
CL(AUXOUT) = 0.1 µF, IO(AUXOUT) = 0A
0.05
0.5
1.5VIN to 1.5VOUT
CL(1.5VOUT) = 0.1 µF, IO(1.5VOUT) = 0 A
0.1
1
Turn-on propagation
tpd(on)
ms
delay
3.3VIN to 3.3VOUT
CL(3.3VOUT) = 100 µF, RL = VI(3.3VIN)/1 A
0.1
1.5
AUXIN to VAUXOUT
CL(AUXOUT) = 100 µF, RL = VI(AUXIN)/0.250 A
0.05
1
1.5VIN to 1.5VOUT
CL(1.5VOUT) = 100 µF, RL = VI(1.5VIN)/0.500 A
0.1
1.5
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com