Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2236DAPG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS2236DAPG4
Description  ExpressCard POWER INTERFACE SWITCH
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2236DAPG4 Datasheet(HTML) 1 Page - Texas Instruments

  TPS2236DAPG4 Datasheet HTML 1Page - Texas Instruments TPS2236DAPG4 Datasheet HTML 2Page - Texas Instruments TPS2236DAPG4 Datasheet HTML 3Page - Texas Instruments TPS2236DAPG4 Datasheet HTML 4Page - Texas Instruments TPS2236DAPG4 Datasheet HTML 5Page - Texas Instruments TPS2236DAPG4 Datasheet HTML 6Page - Texas Instruments TPS2236DAPG4 Datasheet HTML 7Page - Texas Instruments TPS2236DAPG4 Datasheet HTML 8Page - Texas Instruments TPS2236DAPG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
RGP
PW
PWP
DAP
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
AUXIN
3.3VIN
1.5VIN
AUXOUT
3.3VOUT
1.5VOUT
PERST
CPPE
CPUSB
SHDN
STBY
SYSRST
OC
TPS2231
GND
RCLKEN
REFCLK+
REFCLK−
Express Card
Host
Power
Source
Host
Chip
Set/Lock
Circuits
TPS2231
TPS2236
SLVS536B – JULY 2004 – REVISED JANUARY 2005
ExpressCard™ POWER INTERFACE SWITCH
•
Available in a 20-pin TSSOP, a 20-pin QFN, or
24-pin PowerPAD™ HTSSOP (Single)
•
Meets the ExpressCard™ Standard
(ExpressCard|34 or ExpressCard|54)
•
Available in a 32-pin PowerPAD™ HTSSOP
(Dual)
•
Compliant with the ExpressCard™
Compliance Checklists
•
Fully Satisfies the ExpressCard™
•
Notebook Computers
Implementation Guidelines
•
Desktop Computers
•
Supports Systems with WAKE Function
•
Personal Digital Assistants (PDAs)
•
TTL-Logic Compatible Inputs
•
Digital Cameras
•
Short Circuit and Thermal Protection
•
TV and Set Top Boxes
•
–40
°C to 85°C Ambient Operating
Temperature Range
The TPS2231 and TPS2236 ExpressCard power interface switches provide the total power management solution
required by the ExpressCard specification. The TPS2231 and TPS2236 ExpressCard power interface switches
distribute 3.3 V, AUX, and 1.5 V to the ExpressCard socket. Each voltage rail is protected with integrated
current-limiting circuitry.
The TPS2231 supports systems with single-slot ExpressCard|34 or ExpressCard|54 sockets. The TPS2236
supports systems with dual-slot ExpressCard sockets.
End equipment for the TPS2231 and TPS2236 include notebook computers, desktop computers, personal digital
assistants (PDAs), and digital cameras.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
ExpressCard is a trademark of Personal Computer Memory Card International Association.
PowerPAD is a trademark of Texas Instruments.
UNLESS OTHERWISE NOTED this document contains PRO-
Copyright © 2004–2005, Texas Instruments Incorporated
DUCTION DATA information current as of publication date. Prod-
ucts conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily
include testing of all parameters.


Similar Part No. - TPS2236DAPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2236DAPG4 TI1-TPS2236DAPG4 Datasheet
1Mb / 43P
ExpressCard POWER INTERFACE SWITCH
More results

Similar Description - TPS2236DAPG4

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4153EFV ROHM-BD4153EFV Datasheet
295Kb / 6P
Power switch for ExpressCard
BD4153FV ROHM-BD4153FV Datasheet
275Kb / 6P
Power switch for ExpressCard
logo
Texas Instruments
TPS2231 TI-TPS2231_07 Datasheet
1Mb / 35P
ExpressCard TM POWER INTERFACE SWITCH
logo
Rohm
BD4154FV ROHM-BD4154FV Datasheet
381Kb / 6P
Power switch for ExpressCard
BD4155FV ROHM-BD4155FV Datasheet
399Kb / 6P
Power switch for ExpressCard
logo
Winbond
W83L351 WINBOND-W83L351 Datasheet
1Mb / 33P
ExpressCard??Power Interface Switch
logo
Rohm
BD4153FV ROHM-BD4153FV_10 Datasheet
664Kb / 18P
Power Switch ICs for ExpressCard
logo
Texas Instruments
TPS2231MRGPR-2 TI1-TPS2231MRGPR-2 Datasheet
1Mb / 43P
ExpressCard POWER INTERFACE SWITCH
logo
Nuvoton Technology Corp...
W83L351YG NUVOTON-W83L351YG Datasheet
632Kb / 33P
ExpressCard??Power Interface Switch
W83L351 NUVOTON-W83L351 Datasheet
632Kb / 33P
ExpressCard??Power Interface Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com