Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2236DAPG4 Datasheet(PDF) 14 Page - Texas Instruments

Part # TPS2236DAPG4
Description  ExpressCard POWER INTERFACE SWITCH
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2236DAPG4 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS2236DAPG4 Datasheet HTML 10Page - Texas Instruments TPS2236DAPG4 Datasheet HTML 11Page - Texas Instruments TPS2236DAPG4 Datasheet HTML 12Page - Texas Instruments TPS2236DAPG4 Datasheet HTML 13Page - Texas Instruments TPS2236DAPG4 Datasheet HTML 14Page - Texas Instruments TPS2236DAPG4 Datasheet HTML 15Page - Texas Instruments TPS2236DAPG4 Datasheet HTML 16Page - Texas Instruments TPS2236DAPG4 Datasheet HTML 17Page - Texas Instruments TPS2236DAPG4 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
VO(3.3VOUT)
VO(RCLKEN)
VO(PERST)
t − Time − 5 ms/div
2 V/div
2 V/div
2 V/div
VI(CPxx)
VO(3.3VOUT)
VO(1.5VOUT)
VO(AUXOUT)
t − Time − 1 ms/div
2 V/div
2 V/div
2 V/div
2 V/div
TPS2231
TPS2236
SLVS536B – JULY 2004 – REVISED JANUARY 2005
Table of Graphs
FIGURE
Output voltage when card is inserted
vs Time
2
RCLKEN and PERST voltage during power up
vs Time
3
RCLKEN and PERST voltage during power down
vs Time
4
PERST asserted by SYSRST when power is on
vs Time
5
PERST de-asserted by SYSRST when power is on
vs Time
6
Output voltage when 3.3VIN is removed
vs Time
7
Output voltage when 1.5VIN is removed
vs Time
8
OC response when powered into a short (3.3VOUT)
vs Time
9
Supply current of AUXIN
vs Junction temperature
10
Static drain-source on-state resistance
vs Junction temperature
11
3.3-V power switch current limit
vs Junction temperature
12
1.5-V power switch current limit
vs Junction temperature
13
AUX power switch current limit
vs Junction temperature
14
3.3-V power switch current limit trip
vs Junction temperature
15
1.5-V power switch current limit trip
vs Junction temperature
16
AUX power switch current limit trip
vs Junction temperature
17
OUTPUT VOLTAGE WHEN CARD IS INSERTED
RCLKEN AND PERST VOLTAGE DURING POWER UP
vs
vs
TIME
TIME
Figure 2.
Figure 3.
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com