Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JCS10N60C Datasheet(PDF) 3 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS10N60C
Description  LED power supplies
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS10N60C Datasheet(HTML) 3 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JCS10N60C Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N60C Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N60C Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N60C Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N60C Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N60C Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N60C Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N60C Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N60C Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
R
JCS10N60C
版本:201510C
3/10
电特性
ELECTRICAL CHARACTERISTICS
项
目
Parameter
符
号
Symbol
测试条件
Tests conditions
最小
Min
典型
Typ
最大
Max
单位
Units
关态特性
Off –Characteristics
漏-源击穿电压
Drain-Source Voltage
BVDSS
ID=250μA, VGS=0V
600
-
-
V
击穿电压温度特性
Breakdown Voltage Temperature
Coefficient
ΔBVDSS/Δ
TJ
ID=250μA, referenced to
25℃
-
0.6
-
V/℃
零栅压下漏极漏电流
Zero Gate Voltage Drain Current
IDSS
VDS=600V,VGS=0V,
TC=25℃
-
-
10
μA
VDS=480V,
TC=125℃
-
-
100
μA
正向栅极体漏电流
Gate-body leakage current,
forward
IGSSF
VDS=0V, VGS =30V
-
-
100
nA
反向栅极体漏电流
Gate-body leakage current,
reverse
IGSSR
VDS=0V, VGS =-30V
-
-
-100
nA
通态特性
On-Characteristics
阈值电压
Gate Threshold Voltage
VGS(th)
VDS = VGS , ID=250μA
2.0
-
4.0
V
静态导通电阻
Static Drain-Source
On-Resistance
RDS(ON)
VGS =10V , ID=5.0A
-
0.65 0.85
Ω
正向跨导
Forward Transconductance
gfs
VDS = 40V, ID=5.0A(note 4) -
5.7
-
S
动态特性
Dynamic Characteristics
输入电容
Input capacitance
Ciss
VDS=25V,
VGS =0V,
f=1.0MHZ
-
1435 1800
pF
输出电容
Output capacitance
Coss
-
151.4 200
pF
反向传输电容
Reverse transfer capacitance
Crss
-
16.9
30
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com