Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JCS10N60C Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS10N60C
Description  LED power supplies
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS10N60C Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JCS10N60C Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N60C Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N60C Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N60C Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N60C Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N60C Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N60C Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N60C Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N60C Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
R
JCS10N60C
版本:201510C
1/10
JCS10N60C
订 货 型 号
Order codes
Marking
Package
无卤素
Halogen
Free
Packaging
器件重量
Device
Weight
JCS10N60FC-O-F-N-B
JCS10N60F TO-220MF
NO
条管
Tube
2.20 g(typ)
JCS10N60FC-O-F2-N-B JCS10N60F TO-220MF-K2 否
NO
条管
Tube
2.00 g(typ)
封装
Package
主要参数
MAIN CHARACTERISTICS
ID
10 A
VDSS
600 V
Rdson-max
(@Vgs=10V)
0.85
Qg-Typ
51.5 nC
用途
高频开关电源
电子镇流器
LED 电源
APPLICATIONS
High efficiency switch
mode power supplies
Electronic lamp ballasts
based on half bridge
LED power supplies
产品特性
低栅极电荷
Crss (典型值 16.9pF)
开关速度快
产品全部经过雪崩测试
高抗
dv/dt 能力
RoHS 产品
FEATURES
Low gate charge
Low Crss (typical 16.9pF )
Fast switching
100% avalanche tested
Improved dv/dt capability
RoHS product
订货信息
ORDER MESSAGE


Similar Part No. - JCS10N60C

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
JCS10N60CT-O-C-N-B JSMC-JCS10N60CT-O-C-N-B Datasheet
1Mb / 10P
N-CHANNEL MOSFET
More results

Similar Description - JCS10N60C

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
LGCU-150C PAIRUI-LGCU-150C Datasheet
716Kb / 10P
LED Power Supplies
LGEU-60CV PAIRUI-LGEU-60CV Datasheet
775Kb / 10P
LED Power Supplies
LGEU-75CV PAIRUI-LGEU-75CV Datasheet
772Kb / 10P
LED Power Supplies
LGEU-250CV PAIRUI-LGEU-250CV Datasheet
785Kb / 10P
LED Power Supplies
LGSU-100C PAIRUI-LGSU-100C Datasheet
721Kb / 10P
LED Power Supplies
LGSU-150C PAIRUI-LGSU-150C Datasheet
721Kb / 10P
LED Power Supplies
LGCU-35C PAIRUI-LGCU-35C Datasheet
646Kb / 8P
LED Power Supplies
LGCU-60C PAIRUI-LGCU-60C_19 Datasheet
716Kb / 9P
LED Power Supplies
LGSU-185C PAIRUI-LGSU-185C_19 Datasheet
834Kb / 10P
LED Power Supplies
LGSU-250C PAIRUI-LGSU-250C_19 Datasheet
835Kb / 10P
LED Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com