Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JCS10N60C Datasheet(PDF) 6 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS10N60C
Description  LED power supplies
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS10N60C Datasheet(HTML) 6 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Back Button JCS10N60C Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N60C Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N60C Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N60C Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N60C Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N60C Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N60C Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N60C Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N60C Datasheet HTML 10Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
版本
特征
-
0.8
0.9
1.0
1.1
1.2
B
M
R
本:201510C
征曲线
ELE
-75
-50
-25
Breakdown
vs. T
Maximum
For
Ava
vs.
ECTRICAL
025
50
T
j []
n Voltage V
Temperatu
Safe Ope
r JCS10N6
lanche En
Temperat
CHARAC
75
100
125
Notes:
1. V
GS=0V
2. I
D=250μA
Variation
ure
rating Are
60FC
nergy
ture
CTERISTIC
150
A
-7
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
ea
CS (curves
75-50
-25
On-R
v
Max
vs.
25
50
0
2
4
6
8
10
s)
025
50
T
j
[]
Resistanc
vs. Tempe
ximum Dra
Case Tem
75
T
C Case Tempera
JCS1
75
100
125
Notes:
1. V
GS=10V
2. I
D=4.75A
ce Variatio
erature
ain Curren
mperature
100
125
ature []
10N60C
6/10
150
on
nt
e
150
C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com