Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2476 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2476
Description  Monolithic Triple Channel 6.5 ns High Gain CRT Driver and Bias Clamp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2476 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM2476 Datasheet HTML 1Page - National Semiconductor (TI) LM2476 Datasheet HTML 2Page - National Semiconductor (TI) LM2476 Datasheet HTML 3Page - National Semiconductor (TI) LM2476 Datasheet HTML 4Page - National Semiconductor (TI) LM2476 Datasheet HTML 5Page - National Semiconductor (TI) LM2476 Datasheet HTML 6Page - National Semiconductor (TI) LM2476 Datasheet HTML 7Page - National Semiconductor (TI) LM2476 Datasheet HTML 8Page - National Semiconductor (TI) LM2476 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Typical Performance Characteristics (V
CC = 85V, VBB = 8V, CL = 8 pF, VOUTD = 40VP-P (35V −
75V), V
INC = 2.35V, Test Circuit - Figure 4 unless otherwise specified)
20121904
FIGURE 5. V
OUTD vs VIND
20121917
FIGURE 6. V
OUTC vs VINC
20121906
FIGURE 7. LM2476 Pulse Response
20121908
FIGURE 8. Speed vs Offset
20121909
FIGURE 9. Speed vs Load Capacitance
20121905
FIGURE 10. Speed vs Temperature
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com