Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2476 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2476
Description  Monolithic Triple Channel 6.5 ns High Gain CRT Driver and Bias Clamp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2476 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2476 Datasheet HTML 1Page - National Semiconductor (TI) LM2476 Datasheet HTML 2Page - National Semiconductor (TI) LM2476 Datasheet HTML 3Page - National Semiconductor (TI) LM2476 Datasheet HTML 4Page - National Semiconductor (TI) LM2476 Datasheet HTML 5Page - National Semiconductor (TI) LM2476 Datasheet HTML 6Page - National Semiconductor (TI) LM2476 Datasheet HTML 7Page - National Semiconductor (TI) LM2476 Datasheet HTML 8Page - National Semiconductor (TI) LM2476 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LM2476
Monolithic Triple Channel 6.5 ns High Gain CRT Driver
and Bias Clamp
General Description
The LM2476 is a monolithic triple channel CRT driver and
triple bias clamp for low-cost color monitor applications. The
highly integrated IC contains three wide-band amplifiers for
driving the RGB cathodes of a CRT through external cou-
pling capacitors and three low-band clamp amplifiers for DC
restoration and cutoff adjustment of the video outputs. The
CRT drivers have a high, fixed gain of -27 and can drive CRT
capacitive loads as well as resistive loads present in other
applications, limited only by the package’s power dissipation.
The IC is packaged in a 19-lead TO-247 molded plastic
package and must be operated with a properly chosen heat
sink. See the Package Mounting and Thermal Consider-
ations sections for more information.
Features
n
Well-matched to the LM123X/4X family of preamplifiers
n
Operates with V
CC = 60V to 90V
n
Convenient TO-247 staggered lead package style
CRT Drivers
n
High gain of –27 for up to 60V
P-P output swing
n
Stable with capacitive loads and inductive peaking
networks
Bias Clamps
n
Gain of –17 for up to 60V DC output range
Applications
n
1024 x 768 displays up to 85 Hz refresh rate
n
Pixel clock frequencies up to 95 MHz
n
Monitors using video blanking
Pinout Diagram and Pin Descriptions
Pin Name
Pin Description
IND
Driver Input Pins (1, 3, 4)
INC
Clamp Input Pins (6, 7, 8)
V
BB
Bias Voltage Pin (2)
V
CC
Supply Voltage Pin (14)
GND*
Ground Pins (5, 10, 12, 16, 18)
OUTC
Clamp Output Pins (9, 11, 13)
OUTD
Driver Output Pins (15, 17, 19)
*Note: All GND pins should be connected together via low HF impedance
traces on the PCB.
20121901
Note: Tab is at GND
FIGURE 1. Pinout and Connection Diagram
January 2004
© 2005 National Semiconductor Corporation
DS201219
www.national.com


Similar Part No. - LM2476

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2476 TI1-LM2476 Datasheet
1Mb / 16P
Monolithic Triple Channel 6.5 ns High Gain CRT Driver and Bias Clamp
More results

Similar Description - LM2476

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2402 NSC-LM2402 Datasheet
816Kb / 11P
Monolithic Triple 3 ns CRT Driver
LM2405 NSC-LM2405 Datasheet
191Kb / 7P
Monolithic Triple 7 ns CRT Driver
LM2412 NSC-LM2412 Datasheet
815Kb / 11P
Monolithic Triple 2.8 ns CRT Driver
LM2415 NSC-LM2415 Datasheet
459Kb / 10P
Monolithic Triple 5.5 ns CRT Driver
LM2439 NSC-LM2439 Datasheet
527Kb / 9P
Monolithic Triple 9.5 ns CRT Driver
LM2465 NSC-LM2465 Datasheet
425Kb / 12P
Monolithic Triple 5.5 ns High Gain CRT Driver
LM2470 NSC-LM2470 Datasheet
841Kb / 14P
Monolithic Triple 7.0 ns CRT Driver
LM2412A NSC-LM2412A Datasheet
818Kb / 11P
Monolithic Triple 2.8 ns CRT Driver
logo
Texas Instruments
LM2476 TI1-LM2476 Datasheet
1Mb / 16P
Monolithic Triple Channel 6.5 ns High Gain CRT Driver and Bias Clamp
LM2445 TI1-LM2445 Datasheet
1Mb / 15P
Monolithic Triple 7.5 ns CRT Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com